| データシートサーチシステム |
|
CLM3C-RKW-AKW データシート(PDF) 4 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLM3C-RKW-AKW データシート(HTML) 4 Page - Cree LED |
|
4 / 9 page ![]() CLM3C-RKW/AKW: PLCC2 1 IN 1 SMD LED © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1156 REV 10 4 ORDER CODE TABLE Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red CLM3C-RKW-CUaVbAA3 450 1120 RA 618 RA 630 Red CLM3C-RKW-CUbVaAA3 560 900 RA 618 RA 630 Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber CLM3C-AKW-CTbVa253 355 900 A2 584 A5 596 Amber CLM3C-AKW-CUbVa353 560 900 A3 587 A5 596 Notes: • The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable. • Please refer to the HB LED Lamp Reliability Test Standards document for reliability test conditions. • Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely. |