| データシートサーチシステム |
|
CLM4B-AKB-RKB データシート(PDF) 9 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLM4B-AKB-RKB データシート(HTML) 9 Page - Cree LED |
|
9 / 9 page ![]() CLM4B-RKB/AKB: PLCC4 1 IN 1 SMD LED © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT992 REV 7 9 PACKAGING • The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. • Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation. • The boxes are not water resistant, and they must be kept away from water and moisture. • The reel pack is applied in SMD LED. • Max 2000 pcs per reel. 防潮珠。不可食 |