| データシートサーチシステム |
|
RT7204E データシート(PDF) 2 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT7204E データシート(HTML) 2 Page - Richtek Technology Corporation |
|
2 / 45 page ![]() RT7204E F Copyright © 2024 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. www.richtek.com RT7204E_DS-00 May 2024 2 4 Ordering Information RT7204E Package Type (1) N: WQFN-24L 4x4 (W-Type) (Exposed Pad-Option 2) - Packing A: Standard Programmed Firmware Code AABBX AA: Application Code BB: Model Code X: Customer Approved Version Code Note 1. Richtek products are Richtek Green Policy compliant and marked with (1) indicates compatible with the current requirements of IPC/JEDEC J-STD-020. 5 Marking Information For marking information, contact our sales representative directly or through a Richtek distributor located in your area. 6 Simplified Application Circuit D- GND OPTO VFB IFB D+ CC2 CC1 VDD RT7204E N-MOSFET SR Controller CC1 D- D+ VBUS GND AC / DC Power Converter USB Type-C Receptacle CC2 |