| データシートサーチシステム |
|
500-200-R データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
500-200-R データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() COMPACT KVM-OVER-IP PLUS LOCAL ACCESS FOR DISTRIBUTED SERVER MANAGEMENT Medical Device Server The Lantronix® Spider Duo® KVM-over-IP is the newest in the popular Spider family of remote KVM solutions. Spider Duo provides secure, remote KVM (keyboard, video and mouse) over-IP capabilities as well as transparent local access. Flexible KVM-over-IP The Spider Duo is ideal for those who need local access, as well as the flexibility of KVM-over-IP in a single integrated solution. Its palm-sized, “zero-U” design is perfect for space-constrained applications. What’s more, Spider Duo requires no additional software and allows full BIOS level control of the host system. Secure Remote Management Spider Duo makes administration a breeze. Using integrated Virtual Media, users can transfer files, perform upgrades, install patches, redirect local drives and perform full system upgrades by ISO file. Coupled with the optional single port PCU (power control unit), authorized users can also initiate system reboots over the network. Spider Duo allows complete local, plus remote management of the host machine anytime, from virtually anywhere. It provides reliable, secure access to servers located in data centers, kiosks, regional offices, campuses, ATMs, Point-of-sale (POS), training centers, or test and development labs. Remote-KVM/IP with Local Access Spider Duo Highlights: •Reduce costs and decrease downtime by remotely managing PCs and servers, down to the BIOS level, while still allowing transparent local access •Transfer files, install patches, perform upgrades remotely with Virtual Media •Remotely manage power with the optional power control unit •Easy configuration and installation with color coded connectors—local and remote management are up and running in minutes Spider Duo® |
同様の部品番号 - 500-200-R |
|
同様の説明 - 500-200-R |