| データシートサーチシステム |
|
P9113124 データシート(PDF) 2 Page - OTTO Engineering, Inc |
|
|
|||||||||||||||||||||||||||||
P9113124 データシート(HTML) 2 Page - OTTO Engineering, Inc |
|
2 / 2 page ![]() SEALED DOME PUSHBUTTON SWITCHES DOME PUSHBUTTONS P9 Specifications Subject To Change Without Notice OTTO CONTROLS • www.ottoeng.com 61 CHOICE OF SNAP-ACTION & SHORTING BAR ACTION Ordering Information Select the OTTO P9 series features that match your specific application. Standard and special features are shown at right. Specify your choice by building the OTTO Part Numbering code. Example: P9-211121 specifies raised dome style button, threaded case, solder terminals, N.O. circuit form, standard snap-action, black case/bezel, red button. •Snap-in Case allows front panel mounting into .024 or .118 thick panels using panel gasket 401669 or into .031 and .125 thick panels •.110" Quick Connect terminals allow reliable, solderless wire connections •Flush Neoprene Boot P/N 402339 •Raised Neoprene Boot P/N 402246 * Must use panel gasket 401669 supplied with the switch. Raised Dome Button Style Flush Dome Button Style Snap-in Case .110” Quick Connect Detail Snap-in Case Detail 15/32-32 UNRS-2A THD to within .062 of shoulder 15/32-32 UNRS-2A THD to within .062 of shoulder Recommended Panel Openings *Panel Thickness Recommended Ø DIM. Across D-Flat .024* Ø .505 .460 .031 Ø .505 .460 .118* Ø .505 .460 .125 Ø .505 .460 P9- X X X X X X Button and Case Terminal Circuit Switch Case/Bezel Button Style Style Form Action Color Color 1. Flush Dome with threaded case 1. Solder 1. N.O. 1. Standard Snap-Action 2. Black 1. Red 2. Raised Dome with threaded case 2. PC pin 2. N.C. ➀ 2. Low force Snap-Action 2. Black 3. Flush Dome with snap-in case 3. .110" 3. 2-Circuit ➀ 3. Non-Snap Shorting Bar 1. Red 3. Orange 4. Raised Dome with snap-in case Quick Connect 3. Orange 4. Yellow 4. Yellow 5. Green ➀ Not available in Shorting Bar version. 5. Green 6. Blue 6. Blue 7. Purple 7. Purple 8. Gray 8. Gray 9. White 9. White (As viewed from switch bottom.) *Add “W”suffix for watertight. * |