| データシートサーチシステム |
|
PYF14AFORMY データシート(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PYF14AFORMY データシート(HTML) 10 Page - Omron Electronics LLC |
|
10 / 27 page ![]() General-purpose Relays and Power Relays Sockets 247 Note: When indicator modules with an I/O SSR are used, the No. 1 pin becomes positive. Dimensions Terminal arrangement/ Internal connections (top view) Mounting holes (top view) P2RF-08-E (Two poles) M3 screw 3.5-dia. holes 85.5 max. 61 max. 63 max. (84.9 max.)* 48 max. 3 dia. * When mounted on H3RN-2 @. Note: Figures in paren- theses are DIN standard num- bers. Note: Track-mounting is also possible. M3 or 3.5-dia. holes 3.2-dia. holes |