| データシートサーチシステム |
|
STPMIC25 データシート(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25 データシート(HTML) 119 Page - STMicroelectronics |
|
119 / 145 page ![]() 6.8.14 NVM LDOx shadow register (NVM_LDOx_SHR) (x = 2/5/6/7/8) Table 94. NVM_LDOx_SHR 7 6 5 4 3 2 1 0 reserved BYPASS VOUT[4:0] reserved R R/W R/W R/W R/W R/W R/W R • Address: 0xA3/A5 to 0xA8 • Default: Depends on the PMIC part number • Description: NVM LDO2/LDO5/LDO6/LDO7/LDO8 control shadow registers. The contents of these registers are copied into LDOx_MAIN_CR and LDOx_ALT_CR in the CHECK&LOAD state (see Section 4.2.6). [7] reserved [6] BYPASS: select default bypass mode operation: 0: LDOx operates in normal mode by default 1: LDOx operates in bypass mode by default [5:1] VOUT[4:0]: LDOx default output voltage settings. See Section 4.2.6. [0] reserved 6.8.15 NVM LDO3 control shadow register (NVM_LDO3_SHR) Table 95. NVM_LDO3_SHR 7 6 5 4 3 2 1 0 reserved BYPASS VOUT[4:0] reserved R/W R/W R/W R/W R/W R/W R/W R/W • Address: 0xA4 • Default: Depends on the PMIC part number • Description: NVM LDO3 control shadow register. The content of this register is copied into LDO3_MAIN_CR and LDO3_ALT_CR in the CHECK&LOAD state (see Section 4.2.6). [7] reserved [6] BYPASS: select default bypass mode operation: 0: LDOx operates in normal mode by default 1: LDOx operates in bypass mode by default [5:1] VOUT[4:0]: LDOx default output voltage settings. See Table 19. [0] reserved STPMIC25 Register descriptions DS14278 - Rev 3 page 119/145 |