データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TESEO-LIV4F データシート(PDF) 13 Page - STMicroelectronics

部品番号 TESEO-LIV4F
部品情報  Tiny dual-band GNSS low power and measurement engine modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F データシート(HTML) 13 Page - STMicroelectronics

Back Button TESEO-LIV4F_V01 Datasheet HTML 9Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 10Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 11Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 12Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 13Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 14Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 15Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 16Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
9
Firmware configuration
All configuration parameters are grouped in a data block. Each field is addressed by a unique ID. The IDs are
made by three digits: the most significant one represents the parameter type and the others are used to identify
different parameters of the same type.
Default setting of configuration data block is hard coded into the binary image file.
A new configuration can be built using the PC tool Teseo-Suite, available at www.st.com or using runtime
configuration commands raised by the host.
Teseo-LIV4F
Firmware configuration
DS13957 - Rev 6
page 13/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32