データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TESEO-LIV4FTR データシート(PDF) 9 Page - STMicroelectronics

部品番号 TESEO-LIV4FTR
部品情報  Tiny dual-band GNSS low power and measurement engine modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4FTR データシート(HTML) 9 Page - STMicroelectronics

Back Button TESEO-LIV4FTR Datasheet HTML 5Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 6Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 7Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 8Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 9Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 10Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 11Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 12Page - STMicroelectronics TESEO-LIV4FTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
5
Clock generation
5.1
Temperature-compensated crystal oscillator (TCXO)
Highly stable oscillator controls the down conversion process in RF block of the Teseo-LIV4F. Characteristics of
this component are important factors for higher sensitivity to maximize performances especially in weak-signal
environments, as well as to minimize the time to first fix (TTFF) and better navigation stability.
5.2
Real-time clock (RTC)
This is an always-on power domain dedicated to RTC logic (backup system) and supplied with a dedicated
voltage regulator.
The RTC provides a high-resolution clock. It keeps the time when the system is inactive and it is internally used to
wake up the system when in low power mode. It has a clock trimming feature to compensate for the accuracy of
the crystal and a secured time update.
Teseo-LIV4F
Clock generation
DS13957 - Rev 6
page 9/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32