データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD55003-E データシート(PDF) 21 Page - STMicroelectronics

部品番号 PD55003-E
部品情報  RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003-E データシート(HTML) 21 Page - STMicroelectronics

Back Button PD55003-E Datasheet HTML 17Page - STMicroelectronics PD55003-E Datasheet HTML 18Page - STMicroelectronics PD55003-E Datasheet HTML 19Page - STMicroelectronics PD55003-E Datasheet HTML 20Page - STMicroelectronics PD55003-E Datasheet HTML 21Page - STMicroelectronics PD55003-E Datasheet HTML 22Page - STMicroelectronics PD55003-E Datasheet HTML 23Page - STMicroelectronics PD55003-E Datasheet HTML 24Page - STMicroelectronics PD55003-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
PD55003-E
Common source s-parameter
Doc ID 12273 Rev 4
21/29
Table 15.
S-parameter for the PowerSO-10RF straight lead (VDS = 12.5 V, IDS = 1.5 A)
Freq
(MHz)
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12 - DF
IS22IS22 - DF
50
0.816
-140
26.05
101
0.024
11
0.684
-144
100
0.817
-157
13.34
88
0.025
-2
0.690
-159
150
0.839
-164
8.89
82
0.024
-3
0.685
-164
200
0.847
-168
6.62
76
0.024
-10
0.701
-166
250
0.850
-170
5.25
70
0.023
-14
0.707
-168
300
0.655
-171
4.29
65
0.023
-17
0.726
-168
350
0.861
-173
3.59
60
0.021
-21
0.735
-169
400
0.869
-174
3.06
55
0.020
-24
0.761
-169
450
0.877
-174
2.64
51
0.019
-27
0.769
-170
500
0.884
-175
2.30
47
0.017
-31
0.795
-170
550
0.893
-176
2.02
44
0.017
-26
0.800
-171
600
0.898
-177
1.80
40
0.015
-36
0.819
-172
650
0.905
-177
1.62
38
0.015
-36
0.829
-172
700
0.908
-178
1.46
34
0.014
-34
0.831
-173
750
0.909
-179
1.33
31
0.012
-35
0.842
-174
800
0.914
-179
1.21
29
0.012
-36
0.852
-175
850
0.918
-180
1.11
26
0.011
-31
0.856
-176
900
0.923
179
1.03
23
0.009
-32
0.872
-177
950
0.927
179
0.96
21
0.009
-34
0.879
-178
1000
0.926
178
0.88
18
0.008
-21
0.894
-178
1050
0.935
178
0.83
16
0.007
-20
0.898
-179
1100
0.933
177
0.78
13
0.007
-22
0.900
-179
1150
0.933
176
0.73
10
0.006
-15
0.904
180
1200
0.934
175
0.68
8
0.005
-18
0.903
179
1250
0.940
175
0.64
6
0.004
-16
0.901
178
1300
0.935
174
0.59
4
0.004
4
0.902
177
1350
0.938
174
0.56
2
0.005
5
0.898
176
1400
0.938
173
0.53
0
0.005
25
0.915
175
1450
0.939
173
0.50
-2
0.004
14
0.925
174
1500
0.935
172
0.47
-3
0.002
48
0.928
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29