データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

45440/5 データシート(PDF) 2 Page - Alpha Wire

部品番号 45440/5
部品情報  16 (19/.0117) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHAWIRE [Alpha Wire]
ホームページ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

45440/5 データシート(HTML) 2 Page - Alpha Wire

  45440/5 Datasheet HTML 1Page - Alpha Wire 45440/5 Datasheet HTML 2Page - Alpha Wire 45440/5 Datasheet HTML 3Page - Alpha Wire 45440/5 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) UL
AWM/STYLE 20328
105°C / 600 VRMS
 
TC
90°C / 600 VRMS
 
WTTC
90°C / 1000 VRMS
 
SUN RES
 
2) CSA International
C(RU) AWM I/II A/B FT1
125°C / 600 VRMS
 
SUN RES (Black only)
 
3) Other
PENNSYLVANIA BUREAU OF MINE SAFETY APPROVED
 
4) CE:
EU Low Voltage Directive 2014/35/EU
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3):
 
This product complies with European Directive 2011/65/EU (RoHS
Directive) of the European Parliament and of the Council of 8 June
2011 and the amending Directive 2015/863/EU of 4 June 2015 . No
Exemptions are required for RoHS Compliance on this item.
2) REACH Regulation (EC 1907/2006):
 
This product does not contain Substances of Very High Concern
(SVHC) listed on the European Union's REACH candidate list in
excess of 0.1% mass of the item.
3) California Proposition 65:
This product may contain substances known to the State of
California to cause Cancer or Reproductive Harm, but is exempt
from labeling based on the Consent Judgement. See the Alpha
Wire website for more information.
Properties
Physical & Mechanical Properties
1) Temperature Range
-50 to 125°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
123 Lbs, Maximum
4) Sunlight Resistance
Yes
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
600/1000 VRMS
2) Capacitance
19.8 pF/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
36 pF/ft @1 kHz, Nominal
4) Inductance
0.2 μH/ft, Nominal
5) Conductor DCR
4.4 Ω/1000ft @20°C, Nominal
6) OA Shield DCR
3.8 Ω/1000ft @20°C, Nominal
Other



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com