| データシートサーチシステム |
|
APTM10TAM19FPG データシート(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APTM10TAM19FPG データシート(HTML) 3 Page - Microsemi Corporation |
|
3 / 6 page ![]() APTM10TAM19FPG www.microsemi.com 3 – 6 Thermal and package characteristics Symbol Characteristic Min Typ Max Unit RthJC Junction to Case Thermal Resistance 0.6 °C/W VISOL RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz 2500 V TJ Operating junction temperature range -40 150 TSTG Storage Temperature Range -40 125 TC Operating Case Temperature -40 100 °C Torque Mounting torque To heatsink M6 3 5 N.m Wt Package Weight 250 g SP6-P Package outline (dimensions in mm) 5 places (3:1) See application note 1902 - Mounting Instructions for SP6-P (12mm) Power Modules on www.microsemi.com |