データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5113 データシート(PDF) 2 Page - Analog Devices

部品番号 AD5113
部品情報  Single-Channel, 128-/64-/32-Position, Up/Down, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5113 データシート(HTML) 2 Page - Analog Devices

  AD5113 Datasheet HTML 1Page - Analog Devices AD5113 Datasheet HTML 2Page - Analog Devices AD5113 Datasheet HTML 3Page - Analog Devices AD5113 Datasheet HTML 4Page - Analog Devices AD5113 Datasheet HTML 5Page - Analog Devices AD5113 Datasheet HTML 6Page - Analog Devices AD5113 Datasheet HTML 7Page - Analog Devices AD5113 Datasheet HTML 8Page - Analog Devices AD5113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5111/AD5113/AD5115
Data Sheet
Rev. B | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—AD5111 .......................................... 3
Electrical Characteristics—AD5113 .......................................... 5
Electrical Characteristics—AD5115 .......................................... 7
Interface Timing Specifications.................................................. 9
Timing Diagram ........................................................................... 9
Absolute Maximum Ratings.......................................................... 10
Thermal Resistance .................................................................... 10
ESD Caution................................................................................ 10
Pin Configuration and Function Descriptions........................... 11
Typical Performance Characteristics ........................................... 12
Test Circuits..................................................................................... 17
Theory of Operation ...................................................................... 18
RDAC Register and EEPROM.................................................. 18
Basic Operation .......................................................................... 18
Low Wiper Resistance Feature ................................................. 18
Shutdown Mode ......................................................................... 18
EEPROM Write Operation ....................................................... 18
RDAC Architecture.................................................................... 19
Programming the Variable Resistor......................................... 19
Programming the Potentiometer Divider............................... 20
Terminal Voltage Operating Range ......................................... 20
Power-Up Sequence ................................................................... 21
Layout and Power Supply Biasing............................................ 21
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
11/12—Rev. A to Rev. B
Changed Low Power Consumption from 2.5 mA to 2.5 µA....... 1
Changed IDD Unit from mA to µA, Table 2.................................... 3
Changed IDD Unit from mA to µA, Table 3.................................... 5
Changed IDD Unit from mA to µA, Table 4.................................... 7
4/12—Rev. 0 to Rev. A
Changes to Features Section............................................................ 1
Changes to Positive Supply Current, Table 2 ................................ 3
Changes to Positive Supply Current, Table 3 ................................ 5
Changes to Positive Supply Current, Table 4 ................................ 7
Updated Outline Dimensions....................................................... 22
10/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com