データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5113 データシート(PDF) 19 Page - Analog Devices

部品番号 AD5113
部品情報  Single-Channel, 128-/64-/32-Position, I2C, 8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5113 データシート(HTML) 19 Page - Analog Devices

Back Button AD5113 Datasheet HTML 15Page - Analog Devices AD5113 Datasheet HTML 16Page - Analog Devices AD5113 Datasheet HTML 17Page - Analog Devices AD5113 Datasheet HTML 18Page - Analog Devices AD5113 Datasheet HTML 19Page - Analog Devices AD5113 Datasheet HTML 20Page - Analog Devices AD5113 Datasheet HTML 21Page - Analog Devices AD5113 Datasheet HTML 22Page - Analog Devices AD5113 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
AD5110/AD5112/AD5114
THEORY OF OPERATION
analog.com
Rev. D | 19 of 28
The AD5110/AD5112/AD5114 digital programmable resistors are
designed to operate as true variable resistors for analog signals
within the terminal voltage range of GND < VTERM < VDD. The resis-
tor wiper position is determined by the RDAC register contents. The
RDAC register acts as a scratchpad register that allows unlimited
changes of resistance settings.
The RDAC register can be programmed with any position setting
using the I2C interface. Once a desirable wiper position is found,
this value can be stored in the EEPROM memory. Thereafter, the
wiper position is always restored to that position for subsequent
power-up. The storing of EEPROM data takes approximately 18
ms; during this time, the device is locked and does not acknowl-
edge any new command, thus preventing any changes from taking
place.
RDAC REGISTER AND EEPROM
The RDAC register directly controls the position of the digital poten-
tiometer wiper. For example, when the RDAC register is loaded with
0x3F (128-taps), the wiper is connected to full scale of the variable
resistor. The RDAC register is a standard logic register; there is no
restriction on the number of changes allowed.
It is possible to both write to and read from the RDAC register using
the I2C interface (see Table 10).
The contents of the RDAC register can be stored to the EEPROM
using Command 1 (Table 10). Thereafter, the RDAC register is
always set at that position for any future on-off-on power supply
sequence. It is possible to read back the data saved into the
EEPROM with Command 6 in Table 10. In addition, the resistor
tolerance error is saved within the EEPROM; this can be read
back and used to calculate the end-to-end tolerance, providing an
accuracy of 0.1%.
Low Wiper Resistance Feature
The AD5110/AD5112/AD5114 include extra steps to achieve a mini-
mum resistance between Terminal W and Terminal A or Terminal B.
These extra steps are called bottom scale and top scale. At bottom
scale, the typical wiper resistance decreases from 70 Ω to 45 Ω.
At top scale, the resistance between Terminal A and Terminal W is
decreased by 1 LSB, and the total resistance is reduced to 70 Ω.
The extra steps are not equal to 1 LSB and are not included in the
INL, DNL, R-INL, and R‑DNL specifications.
I2C SERIAL DATA INTERFACE
The AD5110/AD5112/AD5114 have 2-wire I2C-compatible serial
interfaces. These devices can be connected to an I2C bus as a
target device under the control of a controller device. See Figure 3
for a timing diagram of a typical write sequence.
The AD5110/AD5112/AD5114 support standard (100 kHz) and fast
(400 kHz) data transfer modes. Support is not provided for 10-bit
addressing and general call addressing.
The 2-wire serial bus protocol operates as follows:
1. The controller initiates data transfer by establishing a start
condition, which is when a high-to-low transition on the SDA
line occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit target address and an R/W
bit. The target device corresponding to the transmitted address
responds by pulling SDA low during the ninth clock pulse (this is
termed the acknowledge bit). At this stage, all other devices on
the bus remain idle while the selected device waits for data to
be written to, or read from, its shift register.
2. If the R/W bit is set high, the controller reads from the target
device. However, if the R/W bit is set low, the controller writes to
the target device.
3. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge bit).
The transitions on the SDA line must occur during the low
period of SCL and remain stable during the high period of SCL.
4. When all data bits have been read or written, a stop condition
is established. In write mode, the controller pulls the SDA line
high during the 10th clock pulse to establish a stop condition. In
read mode, the controller issues a no acknowledge for the ninth
clock pulse (that is, the SDA line remains high). The controller
brings the SDA line low before the 10th clock pulse, and high
during the 10th clock pulse to establish a stop condition.
I2C Address
The AD5110/AD5112/AD5114 each have two different target ad-
dress options available. See Table 9 for a list of target addresses.
Table 9. Device Address Selection
Model
7-Bit I2C Device Address
AD511X1 BCPZ Y2
0101111
AD511X1 BCPZ Y2- 1
0101100
1 Model.
2 Resistance.
INPUT SHIFT REGISTER
For the AD5110/AD5112/AD5114, the input shift register is 16 bits
wide (see Figure 2). The 16-bit word consists of five unused bits
(should be set to zero), followed by three control bits, and eight
RDAC data bits. If the RDAC register is read from or written to
in the AD5112, Bit DB0 is a don’t care. The RDAC register is
read from or written to in the AD5114, Bit DB0 and DB1 are don’t
cares. Data is loaded MSB first (Bit DB15). The three control bits
determine the function of the software command (Table 10). Figure
3 shows a timing diagram of a typical AD5110/AD5112/AD5114
write sequence.
The command bits (Cx) control the operation of the digital potenti-
ometer and the internal EEPROM. The data bits (Dx) are the values
that are loaded into the decoded register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com