| データシートサーチシステム |
|
U74GTL2014L-P14-R データシート(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74GTL2014L-P14-R データシート(HTML) 7 Page - Unisonic Technologies |
|
7 / 9 page ![]() U74GTL2014 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 7 of 9 www.unisonic.com.tw QW-R502-D278.A APPLICATION AND IMPLEMENTATION Application Information U74GTL2014 is the voltage translator for GTL– /GTL / GTL+ to LVTTL or LVTTL to GTL– / GTL / GTL+. Please find the reference schematic and recommend value for passive component in the Typical Application. TYPICAL APPLICATION 1. GTL– /GTL / GTL+ to LVTTL: Select appropriate VTT / VREF based upon GTL– / GTL / GTL+. The parameters in Recommended Operating Conditions are compliant to the GTL specification. Application Diagram for GTL to LVTTL 1.1 Detailed Design Procedure To begin the design process, determine the following: 1. Select direction base upon application (GTL– / GTL / GTL+ to LVTTL or LVTTL to GTL– / GTL / GTL+). 2. Set up appropriate DIR pin and VREF / VTT. 3. Choose correct pullup resistor value base upon data rate and driving current requirement (for LVTTL to GTL– / GTL / GTL+). 1.2 Application Curve |