データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3609 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 TDA3609
部品情報  Multiple voltage regulator with switch and ignition buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3609 データシート(HTML) 10 Page - NXP Semiconductors

Back Button TDA3609 Datasheet HTML 6Page - NXP Semiconductors TDA3609 Datasheet HTML 7Page - NXP Semiconductors TDA3609 Datasheet HTML 8Page - NXP Semiconductors TDA3609 Datasheet HTML 9Page - NXP Semiconductors TDA3609 Datasheet HTML 10Page - NXP Semiconductors TDA3609 Datasheet HTML 11Page - NXP Semiconductors TDA3609 Datasheet HTML 12Page - NXP Semiconductors TDA3609 Datasheet HTML 13Page - NXP Semiconductors TDA3609 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1997 Aug 15
10
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch and
ignition buffers
TDA3609JR
Reset delay
Ich
charge current
2
4
8
µA
Idch
discharge current
500
800
−µA
Vthr
rising voltage threshold
2.5
3.0
3.5
V
td
delay time
C = 47 nF; note 5
20
35
70
ms
Regulator 1 (IREG1 = 5 mA unless otherwise specified)
VO(off)
output voltage off
1
400
mV
VO(REG1)
output voltage
1 mA
≤ IREG1 ≤ 600 mA
9.5
10.0
10.5
V
12 V
≤ VP ≤ 18 V
9.5
10.0
10.5
V
∆V
line regulation
12 V
≤ V
P ≤ 18 V
275
mV
∆V
L
load regulation
1 mA
≤ IREG1 ≤ 600 mA
20
100
mV
Iq
quiescent current
IR1 = 600 mA
25
60
mA
SVRR
supply voltage ripple
rejection
fi = 3 kHz; Vi(p-p) =2V
60
70
dB
Vd
drop-out voltage
IREG1 = 550 mA;
VP = 9.5 V; note 6
0.4
0.7
V
IREGm1
current limit
VREG1 > 8.5 V; note 7
0.65
1.2
A
IREGsc1
short-circuit current
RL ≤ 0.5 Ω; note 8
250
800
mA
Regulator 2 (IREG2 = 5 mA unless otherwise specified)
VO(REG2)
output voltage
0.5 mA
≤ IREG2 ≤ 150 mA
4.75
5.0
5.25
V
IREG2 = 300 mA; note 9
4.75
5.0
5.25
V
8V
≤ V
P ≤ 18 V
4.75
5.0
5.25
V
18 V
≤ V
P ≤ 50 V;
IREG2 ≤ 150 mA
4.75
5.0
5.25
V
∆V
line regulation
6 V
≤ V
P ≤ 18 V
250
mV
6V
≤ V
P ≤ 50 V
15
75
mV
∆V
L
load regulation
1 mA
≤ IREG2 ≤ 150 mA
20
50
mV
1mA
≤ I
REG2 ≤ 300 mA
−−
100
mV
SVRR
supply voltage ripple
rejection
f = 3 kHz; Vi(p-p) = 2 V
60
70
dB
Vd
drop-out voltage
IREG2 = 100 mA;
VP = 4.75 V; note 6
0.4
0.6
V
IREG2 = 200 mA;
VP = 5.75 V; note 6
0.8
1.2
V
IREG2 = 100 mA;
Vbu = 4.75 V; note 10
0.2
0.5
V
IREG2 = 200 mA;
Vbu = 5.75 V; note 10
0.8
1.0
V
IREGm2
current limit
VREG2 > 4.5 V; note 7
0.32
0.37
A
IREGsc2
short-circuit current
RL ≤ 0.5 Ω; note 8
20
100
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com