データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP08DP05 データシート(PDF) 25 Page - STMicroelectronics

部品番号 STP08DP05
部品情報  Low voltage 8-Bit constant current Led sink with full outputs error detection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08DP05 データシート(HTML) 25 Page - STMicroelectronics

Back Button STP08DP05 Datasheet HTML 21Page - STMicroelectronics STP08DP05 Datasheet HTML 22Page - STMicroelectronics STP08DP05 Datasheet HTML 23Page - STMicroelectronics STP08DP05 Datasheet HTML 24Page - STMicroelectronics STP08DP05 Datasheet HTML 25Page - STMicroelectronics STP08DP05 Datasheet HTML 26Page - STMicroelectronics STP08DP05 Datasheet HTML 27Page - STMicroelectronics STP08DP05 Datasheet HTML 28Page - STMicroelectronics STP08DP05 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
STP08DP05
Package mechanical data
25/30
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
0.047
A1
0.15
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.9
5
5.1
0.193
0.197
0.201
D1
1.7
0.067
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.5
0.169
0.173
0.177
E2
1.5
0.059
e
0.65
0.0256
K0°
L
0.45
0.60
0.75
0.018
0.024
0.030
TSSOP16 EXPOSED PAD MECHANICAL DATA
7419276A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30