データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP08DP05TTR データシート(PDF) 22 Page - STMicroelectronics

部品番号 STP08DP05TTR
部品情報  Low voltage 8-Bit constant current Led sink with full outputs error detection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08DP05TTR データシート(HTML) 22 Page - STMicroelectronics

Back Button STP08DP05TTR Datasheet HTML 18Page - STMicroelectronics STP08DP05TTR Datasheet HTML 19Page - STMicroelectronics STP08DP05TTR Datasheet HTML 20Page - STMicroelectronics STP08DP05TTR Datasheet HTML 21Page - STMicroelectronics STP08DP05TTR Datasheet HTML 22Page - STMicroelectronics STP08DP05TTR Datasheet HTML 23Page - STMicroelectronics STP08DP05TTR Datasheet HTML 24Page - STMicroelectronics STP08DP05TTR Datasheet HTML 25Page - STMicroelectronics STP08DP05TTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Package mechanical data
STP08DP05
22/30
11
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30