| データシートサーチシステム |
|
67PR100LF データシート(PDF) 3 Page - Bi technologies |
|
|
|||||||||||||||||||||||||||||
67PR100LF データシート(HTML) 3 Page - Bi technologies |
|
3 / 5 page ![]() 1 1-47 Model 67 Max. Meniscus (Typ.) .03 0.8 .158 4.01 .203 5.156 .18 4.6 Solderable Terminal Pins (3) Dia. .021 ± .003 0.53 ± 0.08 Min. Max. Standoff, .010 0.254 .187 ± .015 4.75 ± 0.38 .375 ± .015 9.53 ± 0.38 .062 ± .015 1.58 ± 0.38 (2) (1) (3) .062 ± .015 1.58 ± 0.38 .10 2.5 .187 ± .015 4.75 ± 0.38 .10 2.5 .375 ± .015 9.53 ± 0.38 .10 2.5 Metal Adjustment Screw Min. Dia. With .090 ± .005 2.29 ± 0.13 .020 ± .005 0.51 ± 0.13 .025 ± .005 0.64 ± 0.13 Wide x Depth Model 67P SIDE ADJUSTMENT (Inch/mm) .10 2.5 .03 ± .015 0.8 ± 0.38 .10 2.5 .10 2.5 .062 ± .015 1.58 ± 0.38 .187 ± .015 4.75 ± 0.38 Model 67Z Typ. 0.05 1.25 .10 2.5 .10 2.5 .100 ± .015 2.54 ± 0.38 .062 ± .015 1.58 ± 0.38 .187 ± .015 4.75 ± 0.38 Model 67X SIDE ADJUSTMENT (Inch/mm) Schematic Diagram This Surface 0.021 ±.003 0.53 ±0.08 Max. .195 4.95 .375 ± .015 9.53 ± 0.38 .145 3.68 Metal Adjustment Screw Dia. With (3) (2) (1) .18 4.6 .015 0.38 .062 ± .015 1.58 ± 0.38 .090 ± .005 2.29 ± 0.13 .020 ± .005 0.51 ± 0.13 .025 ± .005 0.64 ± 0.13 Wide x Depth .410 10.4 Dia. Solderable Terminal Pins (3) Model 67X and 67Z |