| データシートサーチシステム |
|
APTM120U10DAG データシート(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APTM120U10DAG データシート(HTML) 3 Page - Microsemi Corporation |
|
3 / 6 page ![]() APTM120U10DAG www.microsemi.com 3 – 6 Thermal and package characteristics Symbol Characteristic Min Typ Max Unit Transistor 0.038 RthJC Junction to Case Thermal Resistance Series diode 0.22 °C/W VISOL RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz 2500 V TJ Operating junction temperature range -40 150 TSTG Storage Temperature Range -40 125 TC Operating Case Temperature -40 100 °C To heatsink M6 3 5 Torque Mounting torque For terminals M5 2 3.5 N.m Wt Package Weight 280 g SP6 Package outline (dimensions in mm) See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com |