データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EPR-18 データシート(PDF) 17 Page - Power Integrations, Inc.

部品番号 EPR-18
部品情報  Engineering Prototype Report for EP-18 10 W, Multiple Output, Isolated Power Supply with
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-18 データシート(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-18 Datasheet HTML 13Page - Power Integrations, Inc. EPR-18 Datasheet HTML 14Page - Power Integrations, Inc. EPR-18 Datasheet HTML 15Page - Power Integrations, Inc. EPR-18 Datasheet HTML 16Page - Power Integrations, Inc. EPR-18 Datasheet HTML 17Page - Power Integrations, Inc. EPR-18 Datasheet HTML 18Page - Power Integrations, Inc. EPR-18 Datasheet HTML 19Page - Power Integrations, Inc. EPR-18 Datasheet HTML 20Page - Power Integrations, Inc. EPR-18 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
05-Dec-2002
10 W, Multiple Output, Isolated Power Supply
9 Performance Data
All measurements performed at room temperature, 60 Hz input frequency.
TEST EQUIPMENT
INPUT:
VOLTECH (PM100) AC POWER ANALYSER.
Power Line Meter (EPD Inc.)
OUTPUT:
KIKUSUI (PLZ153W) ELECTRONIC LOAD.
9.1 Efficiency
Efficiencyvs. Load
0
10
20
30
40
50
60
70
80
90
100
0.3
0.5
0.7
0.9
1.1
1.3
1.5
3.3VDCOutput Load(A)
85VAC, I5=0.2A
265VAC, I5=0.2A
Efficiency vs. Load
0
10
20
30
40
50
60
70
80
90
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
5 VDC Output Load (A)
85 VAC, I3.3 = 0.3 A
265 VAC, I3.3 = 0.3 A
Figure 7 - Efficiency vs. Output Load.
Efficiency vs. Line Voltage
0
10
20
30
40
50
60
70
80
90
100
85
105
125
145
165
185
205
225
245
265
Line Voltage (VAC, 60 Hz)
Figure 8 - Efficiency vs. Input Voltage at Full Load.
Page 17 of 28
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com