データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA4555 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TDA4555
部品情報  Multistandard decoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4555 データシート(HTML) 8 Page - NXP Semiconductors

Back Button TDA4555 Datasheet HTML 3Page - NXP Semiconductors TDA4555 Datasheet HTML 4Page - NXP Semiconductors TDA4555 Datasheet HTML 5Page - NXP Semiconductors TDA4555 Datasheet HTML 6Page - NXP Semiconductors TDA4555 Datasheet HTML 7Page - NXP Semiconductors TDA4555 Datasheet HTML 8Page - NXP Semiconductors TDA4555 Datasheet HTML 9Page - NXP Semiconductors TDA4555 Datasheet HTML 10Page - NXP Semiconductors TDA4555 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
November 1984
8
Philips Semiconductors
Product specification
Multistandard decoder
TDA4555
TDA4556
Notes
1. Value measured without influence of external circuitry.
2. Relative to phase at V17-9 = 3 V.
3. Or not connected.
4. The signal amplitude of the colour difference signals (R-Y) and (B-Y) is dependent on the characteristics of the
external tuned circuits at pins 7, 8 and 4, 5 respectively. Adjustment of the amplitude is achieved by varying the
Q-factor of these tuned circuits. The resonant frequency must be adjusted such that the demodulated output
frequency (fo) provides the same output level as the internally inserted reference voltage (achromatic value).
5. The sandcastle pulse is compared with three internal threshold levels, which are proportional to the supply voltage.
Sandcastle pulse detector (see note 5)
Input voltage pulse levels (pin 24)
to separate vertical and horizontal blanking pulses
V24-9
1,2
2,0
V
required pulse amplitude
V24-9(p-p)
2,0
3,0
V
to separate horizontal blanking pulse
V24-9
3,2
4,0
V
required pulse amplitude
V24-9(p-p)
4,0
5,0
V
to separate burst gating pulse
V24-9
6,5
7,7
V
required pulse amplitude
V24-9(p-p)
7,7
VP
V
Input voltage during horizontal scanning
V24-9
−−
1,0
V
Input current
−I24
−−
100
µA
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com