| データシートサーチシステム |
|
LD8116QL データシート(PDF) 6 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD8116QL データシート(HTML) 6 Page - Leadtrend Technology |
|
6 / 13 page ![]() LD8116QL 07/15/2020 6 Leadtrend Technology Corporation www.leadtrend.com.tw LD8116QL-DS-00 July 2020 (VCC=32.0V, TA = 25C unless otherwise specified.) PARAMETER CONDITIONS SYMBOL MIN TYP MAX UNITS Low Pass Filter (LPF pin ) Low pass filter Resistance * RLPF 500 kΩ Over Temp. Protection (Internal OTP) OTP Trip level *; OUT pin is open drain OTP 120 135 150 C OTP Hysteresis * Δ OTP 20 32.5 45 C *: Guaranteed by design. |