データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLVD111 データシート(PDF) 15 Page - STMicroelectronics

部品番号 STLVD111
部品情報  Programmable low voltage 1:10 differential LVDS clock driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD111 データシート(HTML) 15 Page - STMicroelectronics

Back Button STLVD111 Datasheet HTML 11Page - STMicroelectronics STLVD111 Datasheet HTML 12Page - STMicroelectronics STLVD111 Datasheet HTML 13Page - STMicroelectronics STLVD111 Datasheet HTML 14Page - STMicroelectronics STLVD111 Datasheet HTML 15Page - STMicroelectronics STLVD111 Datasheet HTML 16Page - STMicroelectronics STLVD111 Datasheet HTML 17Page - STMicroelectronics STLVD111 Datasheet HTML 18Page - STMicroelectronics STLVD111 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
STLVD111
Package mechanical data
15/19
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19