データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9173 データシート(PDF) 29 Page - Analog Devices

部品番号 AD9173
部品情報  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9173 データシート(HTML) 29 Page - Analog Devices

Back Button AD9173 Datasheet HTML 25Page - Analog Devices AD9173 Datasheet HTML 26Page - Analog Devices AD9173 Datasheet HTML 27Page - Analog Devices AD9173 Datasheet HTML 28Page - Analog Devices AD9173 Datasheet HTML 29Page - Analog Devices AD9173 Datasheet HTML 30Page - Analog Devices AD9173 Datasheet HTML 31Page - Analog Devices AD9173 Datasheet HTML 32Page - Analog Devices AD9173 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 144 page
background image
Data Sheet
AD9173
SERIAL PORT OPERATION
analog.com
Rev. C | 29 of 144
the addresses are decremented. A new write cycle can always be
initiated by bringing CS high and then low again.
To prevent confusion and to ensure consistency between devices,
the chip tests the first nibble following the address phase, ignoring
the second nibble. This test is completed independently from the
LSB first bits and ensures that there are extra clock cycles following
the soft reset bits (Register 0x000, Bit 0 and Bit 7). This test of the
first nibble only applies when writing to Register 0x000.
Figure 44. Serial Register Interface Timing, MSB First, Register 0x000, Bit 6
and Bit 1 = 0
Figure 45. Serial Register Interface Timing, LSB First, Register 0x000, Bit 6
and Bit 1 = 1
Figure 46. Timing Diagram for Serial Port Register Read
Figure 47. Timing Diagram for Serial Port Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More