データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EV-RPG2-MBZ データシート(PDF) 9 Page - Analog Devices

部品番号 EV-RPG2-MBZ
部品情報  Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-MBZ データシート(HTML) 9 Page - Analog Devices

Back Button EV-RPG2-MBZ Datasheet HTML 5Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 6Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 7Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 8Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 9Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 10Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 11Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 12Page - Analog Devices EV-RPG2-MBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADIN2299
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. D | 9 of 21
Figure 6. Ball Configuration
Table 9. Ball Function Descriptions
Ball No.
Mnemonic
Direction
Description
A2, A14, A15, B1, B14, B16,
C1, C2, C14, C15, E1, E2,
E15, F2, F15, H3, J3, K3, L3,
L16, M3, M16, M17, N3, P15,
R5, R6, R9, R12, R13, T17,
U9
NC
Not applicable
No Connect.
A3, A13, A16, B3, B13, C3,
C7, C8, C10, D1, D2, D3, D4,
D5, D14, D15, E3, E4, F1,
G7, G8, G9, G10, G11, G15,
G16, G17, H1, H2, H7, H8,
H9, H10, H11, H15, J7, J8,
J9, J10, J11, J15, K1, K2, K7,
K8, K9, K10, K11, K15, K16,
K17, L7, L8, L9, L10, L11, L15,
GND
Not applicable
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21