データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK3LP データシート(PDF) 1 Page - Abracon Corporation

部品番号 AK3LP
部品情報  ClearClock™ Oscillator Family | Low-Power HCSL | 3.2x2.5mm XO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABRACON [Abracon Corporation]
ホームページ  https://abracon.com
Logo ABRACON - Abracon Corporation

AK3LP データシート(HTML) 1 Page - Abracon Corporation

  AK3LP Datasheet HTML 1Page - Abracon Corporation AK3LP Datasheet HTML 2Page - Abracon Corporation AK3LP Datasheet HTML 3Page - Abracon Corporation AK3LP Datasheet HTML 4Page - Abracon Corporation AK3LP Datasheet HTML 5Page - Abracon Corporation AK3LP Datasheet HTML 6Page - Abracon Corporation AK3LP Datasheet HTML 7Page - Abracon Corporation AK3LP Datasheet HTML 8Page - Abracon Corporation AK3LP Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 07-19-23
For terms and conditions of sales, please visit:
www.abracon.com
ClearClock™ Oscillator Family | Low-Power HCSL | 3.2x2.5mm XO
AK3LP
3.2 x 2.5 x 1.0 mm
RoHS/RoHS II Compliant
MSL Level = N/A
Request Samples
Check Inventory
Parameters
Min.
Typ.
Max.
Unit
Notes
Frequency Range
100
156.25
MHz
Standard Available Frequencies
100.000, 114.285, 122.880. 125.000, 148.500,
150.000, 155.520, 156.250
MHz
Contact Abracon for availability of
frequencies not listed
Supply Voltage (Vdd)
2.97
3.3
3.63
V
Option “A”
2.375
2.5
2.625
Option “B”
1.71
1.8
1.89
Option “C”
1.71
3.63
Option “E”
Supply Current (Idd)
HCSL
12
20
mA
@ 100MHz, Vdd=3.3V
15
24
@ 156.25MHz, Vdd=3.3V
Operating Temperature Range
-20
70
°C
Option “D”
-40
85
Option “F” or “Q”
Storage Temperature
-55
150
°C
Frequency Tolerance [Note 1]
-10
< ±5
10
ppm
Frequency Stability over [Note 2,3]
Operating Temperature Range
-15
< ±10
15
ppm
Option “D” (-20°C to +70°C)
-20
< ±15
20
Option “Q” (-40°C to +85°C)
-25
< ±20
25
Option “F” (-40°C to +85°C)
First Year Aging
-3
3
ppm
At 25°C
All-Inclusive Frequency Accuracy
(Total Stability)
[Notes 4]
-40
40
ppm
Option “D” (-20°C to +70°C)
-45
45
Option “Q” (-40°C to +85°C)
-50
50
Option “F” (-40°C to +85°C)
Rise (Tr) / Fall (Tf) Time[Notes 5]
0.45
0.7
ns
RL=No Load
Duty Cycle
45
55
%
Start-up Time [Note 2]
< 2
5
ms
Note 1:
Frequency Accuracy (Initial Set-Tolerance), at time of shipment (pre-reflow), relative to carrier frequency, @ +25°C
Note 2:
Relative to initial measured frequency @ +25°C
Note 3:
Option Q only available in select frequencies. Please contact Abracon for availability
Note 4:
Includes post reflow frequency accuracy, temperature stability, load pulling, power supply variation, and 10-year aging
Note 5:
Measured over 20% to 80% of waveform
•
Exceptionally Low RMS Jitter: 117fs Typ (@ 156.25MHz)
•
Available in industry standard frequencies between 100MHz & 156.25MHz
•
±25ppm stability over industrial operating temperature (-40ºC to +85ºC)
•
1.8V ,2.5V, 3.3V, 1.71V to 3.63V Continuous supply voltage options
•
Industry standard 3.2 x 2.5 x 1.0 mm footprint
•
Based on 3rd overtone, quartz crystal technology
•
Available in Abracon’s global distribution network
•
Output Enable (Pad 1 or Pad 2 Active High) options available
•
Optical Transceivers and Modules
•
Data Centers, Storage, and Servers
•
Networking switches and gateways
•
100G/200G/400G/800G Ethernet
•
Fibre Channel/SONET/SDH/PCIe
•
Industrial and FPGA applications
•
Test & measurement
Key Electrical Specifications
Applications
Features


同様の部品番号 - AK3LP

メーカー部品番号データシート部品情報
logo
Littelfuse
AK3 LITTELFUSE-AK3 Datasheet
838Kb / 4P
The AK3 series of high power TVS diode is specially designed for meeting severe surge test environment of both AC and DC line protection applications
logo
HuaXinAn Electronics CO...
AK3-015C HUAXINAN-AK3-015C Datasheet
347Kb / 2P
8x20uS 3KA Transient Voltage Suppressors
logo
HUAAN LIMITED
AK3-015C HUAAN-AK3-015C Datasheet
450Kb / 4P
AK3-015C Thru AK3-430C
logo
HuaXinAn Electronics CO...
AK3-020C HUAXINAN-AK3-020C Datasheet
347Kb / 2P
8x20uS 3KA Transient Voltage Suppressors
logo
HUAAN LIMITED
AK3-020C HUAAN-AK3-020C Datasheet
450Kb / 4P
AK3-015C Thru AK3-430C
More results

同様の説明 - AK3LP

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
NX324 PERICOM-NX324 Datasheet
475Kb / 2P
2.5V/3.3V HCSL XO
NX504 PERICOM-NX504 Datasheet
609Kb / 2P
2.5/3.3V HCSL XO
NX704 PERICOM-NX704 Datasheet
578Kb / 2P
2.5V/3.3V HCSL XO
NX254 PERICOM-NX254 Datasheet
510Kb / 2P
2.5V/3.3V HCSL XO
logo
Integrated Device Techn...
XUO IDT-XUO_17 Datasheet
289Kb / 12P
IDT XO HCSL Crystal Oscillator
XUN IDT-XUN_17 Datasheet
289Kb / 12P
IDT XO HCSL Crystal Oscillator
logo
Microchip Technology
MX575ABJ100M000 MICROCHIP-MX575ABJ100M000 Datasheet
1Mb / 4P
Ultra-Low Jitter 100MHz HCSL XO
July 11, 2017 Revision 1.0
MX554BBD322M265 MICROCHIP-MX554BBD322M265 Datasheet
1Mb / 4P
Ultra-Low Jitter 322.265625MHz HCSL XO
June 25, 2018 Revision 1.0
logo
Fox Electronics
O3SL FOX-O3SL Datasheet
217Kb / 3P
3.2x2.5mm HCSL SMD Oscillator
logo
Suzhou HangJing Electro...
CO32C6 HANGJING-CO32C6 Datasheet
303Kb / 1P
OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com