データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C419 データシート(PDF) 10 Page - Coilcraft lnc.

部品番号 C419
部品情報  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C419 データシート(HTML) 10 Page - Coilcraft lnc.

Back Button C419 Datasheet HTML 6Page - Coilcraft lnc. C419 Datasheet HTML 7Page - Coilcraft lnc. C419 Datasheet HTML 8Page - Coilcraft lnc. C419 Datasheet HTML 9Page - Coilcraft lnc. C419 Datasheet HTML 10Page - Coilcraft lnc. C419 Datasheet HTML 11Page - Coilcraft lnc. C419 Datasheet HTML 12Page - Coilcraft lnc. C419 Datasheet HTML 13Page - Coilcraft lnc. C419 Datasheet HTML 14Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
1008CS
Inductance
Percent
SRF min DCR max
I
rms
Part number
(nH)
tolerance* Q min
(MHz)
(Ohms)
(mA)
1008CS-100X_EC
10 @ 50 MHz
5,2
50 @ 500 MHz
4100
0.08
1000
1008CS-120X_EC
12 @ 50 MHz
5,2
50 @ 500 MHz
3300
0.09
1000
1008CS-150X_EC
15 @ 50 MHz
5,2
50 @ 500 MHz
2500
0.10
1000
1008CS-180X_EC
18 @ 50 MHz
5,2
50 @ 350 MHz
2500
0.11
1000
1008CS-220X_EC
22 @ 50 MHz
5,2,1
55 @ 350 MHz
2400
0.12
1000
1008CS-270X_EC
27 @ 50 MHz
5,2
55 @ 350 MHz
1600
0.13
1000
1008CS-330X_EC
33 @ 50 MHz
5,2
60 @ 350 MHz
1600
0.14
1000
1008CS-390X_EC
39 @ 50 MHz
5,2,1
60 @ 350 MHz
1500
0.15
1000
1008CS-470X_EC
47 @ 50 MHz
5,2,1
65 @ 350 MHz
1500
0.16
1000
1008CS-560X_EC
56 @ 50 MHz
5,2,1
65 @ 350 MHz
1300
0.18
1000
1008CS-680X_EC
68 @ 50 MHz
5,2,1
65 @ 350 MHz
1300
0.20
1000
1008CS-820X_EC
82 @ 50 MHz
5,2,1
60 @ 350 MHz
1000
0.22
1000
1008CS-101X_EC
100 @ 25 MHz
5,2,1
60 @ 350 MHz
1000
0.56
650
1008CS-121X_EC
120 @ 25 MHz
5,2,1
60 @ 350 MHz
950
0.63
650
1008CS-151X_EC
150 @ 25 MHz
5,2,1
45 @ 100 MHz
850
0.70
580
1008CS-181X_EC
180 @ 25 MHz
5,2,1
45 @ 100 MHz
750
0.77
620
1008CS-221X_EC
220 @ 25 MHz
5,2,1
45 @ 100 MHz
700
0.84
500
1008CS-271X_EC
270 @ 25 MHz
5,2,1
45 @ 100 MHz
600
0.91
500
1008CS-331X_EC
330 @ 25 MHz
5,2,1
45 @ 100 MHz
570
1.05
450
1008CS-391X_EC
390 @ 25 MHz
5,2,1
45 @ 100 MHz
500
1.12
470
1008CS-471X_EC
470 @ 25 MHz
5,2,1
45 @ 100 MHz
450
1.19
470
1008CS-561X_EC
560 @ 25 MHz
5,2,1
45 @ 100 MHz
415
1.33
400
1008CS-621X_EC
620 @ 25 MHz
5,2,1
45 @ 100 MHz
375
1.40
300
1008CS-681X_EC
680 @ 25 MHz
5,2,1
45 @ 100 MHz
375
1.47
400
1008CS-751X_EC
750 @ 25 MHz
5,2,1
45 @ 100 MHz
360
1.54
360
1008CS-821X_EC
820 @ 25 MHz
5,2,1
45 @ 100 MHz
350
1.61
400
1008CS-911X_EC
910 @ 25 MHz
5,2,1
35 @ 50 MHz
320
1.68
380
1008CS-102X_EC
1000 @ 25 MHz
5,2,1
35 @ 50 MHz
290
1.75
370
1008CS-122X_EC
1200 @ 7.9 MHz
5,2
35 @ 50 MHz
250
2.00
310
1008CS-132X_EC
1300 @ 7.9 MHz
5,2
25 @ 50 MHz
200
2.25
310
1008CS-152X_EC
1500 @ 7.9 MHz
5,2
28 @ 50 MHz
200
2.3
330
1008CS-182X_EC
1800 @ 7.9 MHz
5,2
28 @ 50 MHz
160
2.6
300
1008CS-222X_EC
2200 @ 7.9 MHz
5,2
28 @ 50 MHz
160
2.8
280
1008CS-272X_EC
2700 @ 7.9 MHz
5,2
22 @ 25 MHz
140
3.2
290
1008CS-332X_EC
3300 @ 7.9 MHz
5,2
22 @ 25 MHz
110
3.4
290
1008CS-392X_EC
3900 @ 7.9 MHz
5,2
20 @ 25 MHz
100
3.6
260
1008CS-472X_EC
4700 @ 7.9 MHz
5,2
20 @ 25 MHz
90
4.0
260
1008CS-562XJEC
5600 @ 7.9 MHz
5
16 @ 7.9 MHz
20
4.0
240
1008CS-682XJEC
6800 @ 7.9 MHz
5
18 @ 7.9 MHz
40
4.9
200
1008CS-822XJEC
8200 @ 7.9 MHz
5
18 @ 7.9 MHz
25
6.0
170
0805LS Ferrite
Inductance
Percent
SRF min
DCR max
I
rms
Part number
(µH)
tolerance* Q min
(MHz)
(Ohms)
(A)
0805LS-78NX_EC
0.078 @ 7.9 MHz
5,2
19
1440
0.042
2.0
0805LS-111X_EC
0.110 @ 7.9 MHz
5,2
19
1200
0.05
2.0
0805LS-471X_EC
0.470 @ 7.9 MHz
5,2
19
500
0.31
0.720
0805LS-681X_EC
0.680 @ 7.9 MHz
5,2
20
400
0.46
0.590
0805LS-102X_EC
1.0 @ 7.9 MHz
5,2
20
340
0.69
0.500
0805LS-122X_EC
1.2 @ 7.9 MHz
5,2
15
280
1.20
0.400
0805LS-152X_EC
1.5 @ 7.9 MHz
5,2
20
275
1.03
0.490
0805LS-182X_EC
1.8 @ 7.9 MHz
5,2
20
246
1.15
0.410
0805LS-222X_EC
2.2 @ 7.9 MHz
5,2
20
106
1.28
0.365
0805LS-272X_EC
2.7 @ 7.9 MHz
5,2
20
105
1.48
0.350
0805LS-332X_EC
3.3 @ 7.9 MHz
5,2
20
83
1.57
0.330
0805LS-392X_EC
3.9 @ 7.9 MHz
5,2
20
52
1.70
0.300
0805LS-472X_EC
4.7 @ 7.9 MHz
5,2
20
50
1.87
0.280
0805LS-682X_EC
6.8 @ 7.9 MHz
5,2
20
35
2.25
0.260
0805LS-822X_EC
8.2 @ 2.5 MHz
5,2
18
27
2.55
0.250
0805LS-103X_EC
10 @ 2.5 MHz
5,2
18
21
3.45
0.200
0805LS-153X_EC
15 @ 2.5 MHz
5,2
18
17
5.03
0.180
0805LS-223X_EC
22 @ 2.5 MHz
5,2
18
13
6.18
0.150
0805LS-273X_EC
27 @ 2.5 MHz
5,2
15
11
11.04
0.120
0805HT Low Profile
Inductance
Percent
SRF min DCR max Irms
Part number
(nH)
tolerance* Q min
(MHz)
(Ohms)
(mA)
0805HT-1N8TJEC
1.8 @ 250 MHz 5
55 @ 1500 MHz
9400
0.030
800
0805HT-2N0TJEC
2.0 @ 250 MHz 5
55 @ 1000 MHz
11500
0.018
800
0805HT-3N9TJEC
3.9 @ 250 MHz 5
50 @ 1000 MHz
6100
0.055
800
0805HT-4N3TJEC
4.3 @ 250 MHz 5
80 @ 1000 MHz
6164
0.030
800
0805HT-4N7TJEC
4.7 @ 250 MHz 5
50 @ 1000 MHz
5500
0.060
800
0805HT-5N1TJEC
5.1 @ 250 MHz 5
45 @ 1000 MHz
6100
0.069
800
0805HT-5N6TJEC
5.6 @ 250 MHz 5
45 @ 1000 MHz
5800
0.091
800
0805HT-6N8TJEC
6.8 @ 250 MHz 5
50 @ 1000 MHz
4800
0.080
800
0805HT-7N5TJEC
7.5 @ 250 MHz 5
47 @ 1000 MHz
4600
0.082
800
0805HT-8N2TJEC
8.2 @ 250 MHz 5
50 @ 1000 MHz
4800
0.080
800
0805HT-9N1TJEC
9.1 @ 250 MHz 5
54 @ 750 MHz
3900
0.105
800
0805HT-10NT_EC
10 @ 250 MHz
5,2
55 @ 750 MHz
3300
0.080
800
0805HT-12NT_EC
12 @ 250 MHz
5,2
55 @ 750 MHz
3800
0.10
800
0805HT-15NT_EC
15 @ 250 MHz
5,2
50 @ 500 MHz
2950
0.10
800
0805HT-18NT_EC
18 @ 250 MHz
5,2
50 @ 500 MHz
3100
0.13
800
0805HT-20NT_EC
20 @ 250 MHz
5,2
50 @ 500 MHz
2700
0.17
800
0805HT-22NT_EC
22 @ 250 MHz
5,2
50 @ 500 MHz
2900
0.15
800
0805HT-27NT_EC
27 @ 250 MHz
5,2
50 @ 500 MHz
2450
0.19
700
0805HT-33NT_EC
33 @ 250 MHz
5,2
55 @ 500 MHz
2350
0.19
600
0805HT-39NT_EC
39 @ 250 MHz
5,2,1
55 @ 500 MHz
2200
0.27
600
0805HT-47NT_EC
47 @ 200 MHz
5,2,1
50 @ 500 MHz
2000
0.30
600
0805HT-56NT_EC
56 @ 200 MHz
5,2,1
50 @ 500 MHz
1850
0.39
500
0805HT-68NT_EC
68 @ 200 MHz
5,2,1
50 @ 500 MHz
1500
0.40
500
0805HT-82NT_EC
82 @ 150 MHz
5,2,1
50 @ 500 MHz
1500
0.44
500
0805HT-R10T_EC
100 @ 150 MHz 5,2
50 @ 500 MHz
1200
0.64
400
0805HT-R12T_EC
120 @ 150 MHz 5,2
40 @ 250 MHz
1150
0.68
300
0805HT-R15T_EC
150 @ 150 MHz 5,2
40 @ 250 MHz
1050
0.80
300
0805HT-R18T_EC
180 @ 150 MHz 5,2
40 @ 250 MHz
830
0.86
300
0805HT-R22T_EC
220 @ 150 MHz 5,2
39 @ 150 MHz
820
1.29
200
0805HT-R27T_EC
270 @ 150 MHz 5,2
33 @ 150 MHz
790
1.40
200
0805HT-R33T_EC
330 @ 150 MHz 5,2
32 @ 150 MHz
730
1.93
200
0805HT-R39T_EC
390 @ 100 MHz 5,2
30 @ 150 MHz
675
2.80
200
0805HT-R47T_EC
470 @ 100 MHz 5,2
30 @ 150 MHz
610
3.10
200
0805HT-R50T_EC
500 @ 50 MHz
5,2
20 @ 50 MHz
585
3.20
200
0805HQ High Q
Inductance
Percent
SRF min
DCR max
I
rms
Part number
(nH)
tolerance*
Q min
(MHz)
(Ohms)
(A)
0805HQ-2N5XJEC
2.5 @ 250 MHz
5
80
10300
0.020
1.6
0805HQ-5N6XJEC
5.6 @ 250 MHz
5
98
6100
0.035
1.6
0805HQ-6N2XJEC
6.2 @ 250 MHz
5
88
4750
0.035
1.6
0805HQ-12NXJEC
12 @ 250 MHz
5
80
3000
0.045
1.6
0805HQ-16NX_EC
16 @ 250 MHz
5,2
72
2950
0.060
1.5
0805HQ-18NX_EC
18 @ 250 MHz
5,2
75
2550
0.060
1.4
0805HQ-20NX_EC
20 @ 250 MHz
5,2
70
2050
0.055
1.4
0805HQ-27NX_EC
27 @ 250 MHz
5,2
75
2000
0.070
1.3
0805HQ-30NX_EC
30 @ 250 MHz
5,2
65
1950
0.095
1.2
0805HQ-39NX_EC
39 @ 250 MHz
5,2
65
1600
0.110
1.1
0805HQ-48NX_EC
48 @ 200 MHz
5,2
65
1400
0.095
1.2
0805HQ-51NX_EC
51 @ 200 MHz
5,2
65
1400
0.120
1.0
1008AF High Current
Inductance
Percent
SRF min
DCR max
I
sat
I
rms
Part number
(µH)
tolerance* Q typ
(MHz)
(Ohms)
(A)
(A)
1008AF-901X_RC
0.9 @ 2.5 MHz 10,5
25
415
0.100
1.4
1.3
1008AF-112X_RC
1.1 @ 2.5 MHz 10,5
24
376
0.105
1.3
1.2
1008AF-132X_RC
1.3 @ 2.5 MHz 10,5
37
198
0.110
1.2
1.1
1008AF-152X_RC
1.5 @ 2.5 MHz 10,5
22
135
0.125
1.1
1.0
1008AF-192X_RC
1.9 @ 2.5 MHz 10,5
29
126
0.140
1.0
1.0
1008AF-222X_RC
2.2 @ 2.5 MHz 10,5
21
106
0.155
0.95
0.95
1008AF-272X_RC
2.7 @ 2.5 MHz 10,5
22
70
0.190
0.80
0.90
1008AF-332X_RC
3.3 @ 2.5 MHz 10,5
21
59
0.210
0.75
0.80
1008AF-392X_RC
3.9 @ 2.5 MHz 10,5
21
55
0.220
0.70
0.80
1008AF-472X_RC
4.7 @ 2.5 MHz 10,5
27
48
0.435
0.70
0.65
1008AF-582X_RC
5.8 @ 2.5 MHz 10,5
21
37
0.280
0.55
0.75
1008AF-682X_RC
6.8 @ 2.5 MHz 10,5
28
33
0.315
0.50
0.70
1008AF-822X_RC
8.2 @ 2.5 MHz 10,5
22
33.8
0.340
0.50
0.65
1008AF-103X_RC
10.0 @ 2.5 MHz 10,5
24
22
0.460
0.45
0.55
NEW!
0805RB Ferrite
Inductance
Impedance typ
SRF typ
DCR max
I
rms
Part number
(µH)
900 MHz
1.7 GHz
(MHz)
(mOhms)
(mA)
0805RB-121XMRC
0.19 @ 7.9 MHz
2900
1000
1000
130
1200
0805RB-151XMRC
0.24 @ 7.9 MHz
4200
1060
970
150
1100
0805RB-221XMRC
0.33 @ 7.9 MHz
2360
660
650
180
1000
0805RB-331XMRC
0.53 @ 7.9 MHz
3300
920
650
235
900
0805RB-421XMRC
0.66 @ 7.9 MHz
2100
760
550
245
850
0805RB-471XMRC
0.75 @ 7.9 MHz
2000
760
530
295
800
0805RB-601XMRC
0.95 @ 7.9 MHz
2125
840
500
385
700
0805RB-751XMRC
1.20 @ 7.9 MHz
1900
770
440
405
650
0805RB-102XMRC
1.60 @ 7.9 MHz
1700
710
375
810
450
0805RB-152XMRC
2.35 @ 7.9 MHz
1600
960
310
1160
425
0805RB-222XMRC
2.60 @ 7.9 MHz
1000
900
150
1200
350
0805RB-272XMRC
2.87 @ 7.9 MHz
475
830
100
1320
325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60