| データシートサーチシステム |
|
LE58QL022BVC データシート(PDF) 57 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
LE58QL022BVC データシート(HTML) 57 Page - Zarlink Semiconductor Inc |
|
57 / 61 page ![]() Le58QL022 Data Sheet 57 Zarlink Semiconductor Inc. Table 8. µ-Law: Positive Input Values Notes: 1. 8159 normalized value units correspond to TMAX = 3.17 dBm0. 2. The character signal corresponding to positive input values between two successive decision values numbered n and n+1 (see column 4) is 255-n, expressed as a binary number. 3. The value at the decoder is y0 = x0 = 0 for n = 0, and , for n = 1, 2,...127. 4. x128 is a virtual decision value. 5. Bit 1 is a 0 for negative input values. 1 2 3 4 5 678 Segment # Intervals x Interval Size Value at Segment End Points Decision Value Number n Decision Value xn (See Note 1) Character Signal pre Inversion of Even Bits Quantized Value (at Decoder Output) yn Decoder Output Value No. Bit No. Number 1 2 3 4 5 6 7 8 8159 (128) (8159) 8 7 6 5 1 0 0 0 0 0 0 0 8031 127 7903 127 4063 2015 113 112 97 96 See Note 2 1 0 0 0 1 1 1 1 4319 4063 4191 112 See Note 2 1 0 0 1 1 1 1 1 2143 2015 2079 96 991 81 80 See Note 2 1 0 1 0 1 1 1 1 1055 991 1023 80 479 65 64 See Note 2 1 0 1 1 1 1 1 1 511 479 495 64 4 223 49 48 See Note 2 1 1 0 0 1 1 1 1 239 223 231 48 3 95 33 32 See Note 2 1 1 0 1 1 1 1 1 103 95 99 32 2 17 16 See Note 2 1 1 1 0 1 1 1 1 35 31 00 16 x 256 16 x 128 16 x 64 16 x 32 16 x 16 16 x 8 16 x 4 33 16 31 1 x 1 1 2 1 See Note 2 1 1 1 1 1 1 1 0 3 1 15 x 2 21 1 1 1 1 1 1 1 1 00 y n x n1 + x n + 2 ------------------------- = |