| データシートサーチシステム |
|
TDA5145 データシート(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA5145 データシート(HTML) 16 Page - NXP Semiconductors |
|
16 / 24 page ![]() June 1994 16 Philips Semiconductors Product specification Brushless DC motor drive circuit TDA5145 Table 4 Priority of function. Note 1. L = LOW state; H = HIGH state. BRAKE(1) TEST(1) RESET(1) FUNCTION L L L normal L L H reset L H L test L H H test H L L brake H L H brake H H L brake H H H brake RELIABILITY It is necessary to protect high current circuits and the output stages are protected in two ways: • Current limiting of the ‘lower’ output transistors. The ‘upper’ output transistors use the same base current as the conducting ‘lower’ transistor (+15%). This means that the current to and from the output stages is limited. • Thermal protection of the six output transistors is achieved by each transistor having a thermal sensor that is active when the transistor is switched on. The transistors are switched off when the local temperature becomes too high. |