データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LLCC68 データシート(PDF) 43 Page - Semtech Corporation

部品番号 LLCC68
部品情報  Long Range, Low Power, sub-GHz RF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 データシート(HTML) 43 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 39Page - Semtech Corporation LLCC68 Datasheet HTML 40Page - Semtech Corporation LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation LLCC68 Datasheet HTML 45Page - Semtech Corporation LLCC68 Datasheet HTML 46Page - Semtech Corporation LLCC68 Datasheet HTML 47Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 106 page
background image
LLCC68
Data Sheet
Rev. 1.0
DS.LLCC68.W.APP
July 2019
43 of 106
Semtech
www.semtech.com
7. Data Buffer
The transceiver is equipped with a 256-byte RAM data buffer which is accessible in all modes except sleep mode. This RAM
area is fully customizable by the user and allows access to either data for transmission or from the last packet reception.
7.1 Principle of Operation
Figure 7-1: Data Buffer Diagram
The data buffer can be configured to store both transmit and receive payloads.
TRANSCEIVER
USER
0xFF
WriteBuffer()
GetRxBufferStatus()
0x00
Data buffer
Capacity = 256 bytes
Transmitted
Payload
Received
Payload
RxStartBufferPointer
TxBufferPointer
txBaseAddress + txPayloadLength
SetBufferBaseAddress()
rxBaseAddress + rxPayloadLength
SetBufferBaseAddress()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More