| データシートサーチシステム |
|
AIAS-03-R39K データシート(PDF) 1 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
AIAS-03-R39K データシート(HTML) 1 Page - Abracon Corporation |
|
1 / 4 page ![]() Part L Q L SRF DCR IDC Number (µH) (MIN) Test (MIN) Ω (mA) (MHz) (MHz) (MAX ) (MAX) Part L Q L SRF DCR IDC Number (µH) (MIN) Test (MIN) Ω (mA) (MHz ) (MHz) (MAX ) (MAX) AIAS-01-R10K AIAS-01-R12K AIAS-01-R15K AIAS-01-R18K AIAS-01-R22K AIAS-01-R27K AIAS-01-R33K AIAS-01-R39K AIAS-01-R47K AIAS-01-R56K AIAS-01-R68K AIAS-01-R82K AIAS-01-1R0K AIAS-01-1R2K AIAS-01-1R5K AIAS-01-1R8K AIAS-01-2R2K AIAS-01-2R7K AIAS-01-3R3K AIAS-01-3R9K AIAS-01-4R7K AIAS-01-5R6K AIAS-01-6R8K AIAS-01-8R2K AIAS-01-100K 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 39 36 35 35 35 33 33 32 33 30 30 33 35 29 29 29 28 32 32 38 38 40 46 45 45 25 25 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 400 400 400 400 400 400 370 348 312 285 262 188 166 149 136 118 110 94 86 85 79 72 65 59 53 0.071 0.087 0.109 0.145 0.165 0.192 0.228 0.259 0.348 0.417 0.580 0.132 0.169 0.184 0.260 0.360 0.410 0.550 0.620 0.790 0.910 1.15 1.73 1.96 2.30 1580 1360 1280 1110 1040 965 885 830 717 655 555 1160 1330 985 825 705 664 577 540 475 445 395 320 302 280 AIAS-01-120K AIAS-01-150K AIAS-01-180K AIAS-01-220K AIAS-01-270K AIAS-01-330K AIAS-01-390K AIAS-01-470K AIAS-01-560K AIAS-01-680K AIAS-01-820K AIAS-01-101K AIAS-01-121K AIAS-01-151K AIAS-01-181K AIAS-01-221K AIAS-01-271K AIAS-01-331K AIAS-01-391K AIAS-01-471K AIAS-01-561K AIAS-01-681K AIAS-01-821K AIAS-01-102K 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 40 45 45 45 48 54 54 54 60 55 57 60 58 60 60 60 60 60 60 60 60 60 60 60 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 60 53 45.8 42.2 31.0 26.0 24.2 22.0 21.2 19.9 16.8 13.2 11.0 9.1 7.4 7.2 6.8 5.5 5.1 5.0 4.9 4.6 4.2 4.0 0.55 0.71 1.00 1.09 1.35 1.90 2.10 2.40 2.90 3.20 3.70 4.60 5.20 5.90 7.40 8.50 10.0 13.4 15.0 21.0 23.0 26.0 34.0 39.0 570 500 423 404 364 305 293 271 248 237 219 198 184 173 156 145 133 115 109 92 88 82 72 67 ABRACON IS ISO 9001 / QS 9000 CERTIFIED 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com THROUGH-HOLE MOLDED SHIELDED INDUCTORS THROUGH-HOLE MOLDED SHIELDED INDUCTORS THROUGH-HOLE MOLDED SHIELDED INDUCTORS AIAS-01 SERIES ||||||||||||||| PHYSICAL CHARACTERISTICS: STANDARD SPECIFICATIONS: TECHNICAL INFORMATION: • Inductance (L) tolerance: J = 5%, K = 10%, M = 20% • Letter suffix indicates standard tolerance • Current rating at which inductance (L) drops 10% • Operating temperature -55°C to +85°C • Storage temperature -55°C to +125°C • Dimensions: inches / mm; see spec sheet for tolerance limits • Marking per EIA 4-band color code Note: All specifications subject to change without notice. 0.11 (2,80) 0.025 (0,63) 0.260 (6,60) 1.15 (29,21) |
同様の部品番号 - AIAS-03-R39K |
|
同様の説明 - AIAS-03-R39K |