データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP6-PBL1-03-N1 データシート(PDF) 2 Page - Cree, Inc

部品番号 LP6-PBL1-03-N1
部品情報  SMD LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LP6-PBL1-03-N1 データシート(HTML) 2 Page - Cree, Inc

  LP6-PBL1-03-N1 Datasheet HTML 1Page - Cree, Inc LP6-PBL1-03-N1 Datasheet HTML 2Page - Cree, Inc LP6-PBL1-03-N1 Datasheet HTML 3Page - Cree, Inc LP6-PBL1-03-N1 Datasheet HTML 4Page - Cree, Inc LP6-PBL1-03-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT58.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Standard Bins for LP6-PBL-03-N (I
F = 3 x 50 mA)
Lamps are sorted to luminous intensity (I
V) and chromaticity coordiates (x,y) bins shown.
Orders for LP6-PBL1-03-N1 may be filled with any or all bins contained as below.
All luminous intensity (I
V) and chromaticity coordinates (x,y) values shown and specified are at IF = 3 x 50 mA.
W2 or
above
W1 (J)
V2 (H)
V1 (G)
U2 (F)
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of dominant wavelength is ±1 nm.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” docu-
ment.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
1.
2.
3.
4.
5.
6.
7.
460 nm
480 nm
Dominant Wavelength (λ
D)
1400 mcd
(3.5 lm)
1120 mcd
(3.0 lm)
900 mcd
(2.5 lm)
710 mcd
(2.0 lm)
560 mcd
(1.5 lm)



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com