| データシートサーチシステム |
|
SWT8-R1S データシート(PDF) 1 Page - Bi technologies |
|
|
|||||||||||||||||||||||||||||
SWT8-R1S データシート(HTML) 1 Page - Bi technologies |
|
1 / 4 page ![]() Model SWT8 BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345 Website: www.bitechnologies.com December 1, 2006 page 1 of 4 BI technologies Tactile Switches 6.2X6.2 mm Square Stem Cap available RoHS Compliant MODELS AVAILABLE MODELS AVAILABLE MODELS AVAILABLE MODELS AVAILABLE Side Actuation, Through Hole SWT8-R Top Actuation, Through Hole SWT8-V Top Actuation, SMD SWT8-M Cap for Square Stem 2.4 x 2.4 mm SWT8-C ELECTRICAL ELECTRICAL ELECTRICAL ELECTRICAL Contact Resistance 100 m Current Rating DC 12V, 50 mA Insulation Resistance 100 M min Dielectric Strength AC 250V ENVIRONMENTAL ENVIRONMENTAL ENVIRONMENTAL ENVIRONMENTAL Life, Mechanical 1,000,000 cycles : 100 & 160gf 500,000 cycles : 260gf 300,000 cycles : 320 & 520gf Operating Temperature Range -25 oC – 70oC. Storage Temperature -30 oC – 80oC Shock Mil-STD-202F, Method 213B Condition A Vibration Mil-STD-202F, Method 201A Operating Force Range (refer to definition table below) 100 gf – 520 gf |
同様の部品番号 - SWT8-R1S |
|
同様の説明 - SWT8-R1S |