データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8002CT/B/C1 データシート(PDF) 15 Page - NXP Semiconductors

部品番号 TDA8002CT/B/C1
部品情報  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/B/C1 データシート(HTML) 15 Page - NXP Semiconductors

Back Button TDA8002CT/B/C1 Datasheet HTML 11Page - NXP Semiconductors TDA8002CT/B/C1 Datasheet HTML 12Page - NXP Semiconductors TDA8002CT/B/C1 Datasheet HTML 13Page - NXP Semiconductors TDA8002CT/B/C1 Datasheet HTML 14Page - NXP Semiconductors TDA8002CT/B/C1 Datasheet HTML 15Page - NXP Semiconductors TDA8002CT/B/C1 Datasheet HTML 16Page - NXP Semiconductors TDA8002CT/B/C1 Datasheet HTML 17Page - NXP Semiconductors TDA8002CT/B/C1 Datasheet HTML 18Page - NXP Semiconductors TDA8002CT/B/C1 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1999 Oct 12
15
Philips Semiconductors
Product specification
IC card interface
TDA8002C
Fault detection
The following fault conditions are monitored by the circuit:
• Short-circuit or high current on VCC
• Removing card during transaction
• VDD dropping
• Overheating.
When one or more of these faults are detected, the circuit
pulls the interrupt line OFF to its active LOW state and a
deactivation sequence is initiated. In the event that the
card is present the interrupt line OFF is set to HIGH state
when the microcontroller has reset the CMDVCC line
HIGH (after completion of the deactivation sequence).
In the event that the card is not present OFF remains
LOW.
handbook, full pagewidth
FCE480
I/O
CLK
RST
LOW
tde
OFF
PRES
VCC
t10
t11
t12
t13
t14
OSC_INT/64
Fig.14 Emergency deactivation sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28