| データシートサーチシステム |
|
TDA8002AT/5/C2 データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8002AT/5/C2 データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 28 page ![]() 1997 Nov 04 3 Philips Semiconductors Product specification IC card interface TDA8002 ORDERING INFORMATION Notes 1. The /3 or /5 suffix indicates the voltage supervisor option. 2. The /3 version can be used with a 3 or 5 V power supply environment (see Chapter “Functional description”). 3. The /5 version can be used with a 5 V power supply environment. TYPE NUMBER(1) PACKAGE MARKING NAME DESCRIPTION VERSION TDA8002AT/3/C2(2) TDA8002AT/3 SO28 plastic small outline package; 28 leads; body width 7.5 mm SOT136-1 TDA8002AT/5/C2(3) TDA8002AT/5 TDA8002BT/3/C2(2) TDA8002BT/3 TDA8002BT/5/C2(3) TDA8002BT/5 TDA8002G/3/C2(2) 80023 LQFP32 plastic low profile quad flat package; 32 leads; body 5 × 5 × 1.4 mm SOT401-1 TDA8002G/5/C2(3) 80025 |