データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP5526TLX データシート(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LP5526TLX
部品情報  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526TLX データシート(HTML) 32 Page - National Semiconductor (TI)

Back Button LP5526TLX Datasheet HTML 25Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 26Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 27Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 28Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 29Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 30Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 31Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 32Page - National Semiconductor (TI) LP5526TLX Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
LP5526 Register Bit Explanations (Continued)
PWM ENABLE (2BH) – EXTERNAL PWM CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
EN_SAFETY_R
EN_SAFETY_G
EN_SAFETY_B
EN_EXT
R_PWM
EN_EXT
G_PWM
EN_EXT
B_PWM
EN_MAIN
PWM
EN_SUB
PWM
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
EN_SAFETY_R
Bit 7
0 – Safety function for RLED disabled
1 – Safety function for RLED enabled
EN_SAFETY_G
Bit 6
0 – Safety function for GLED disabled
1 – Safety function for GLED enabled
EN_SAFETY_B
Bit 5
0 – Safety function for BLED disabled
1 – Safety function for BLED enabled
EN_EXT_R_PWM
Bit 4
0 – External PWM control for RLED disabled
1 – External PWM control for RLED enabled
EN_EXT_G_PWM
Bit 3
0 – External PWM control for GLED disabled
1 – External PWM control for GLED enabled
EN_EXT_B_PWM
Bit 2
0 – External PWM control for BLED disabled
1 – External PWM control for BLED enabled
EN_EXT_MAIN_PWM
Bit 1
0 – External PWM control for MAIN disabled
1 – External PWM control for MAIN enabled
EN_EXT_SUB_PWM
Bit 0
0 – External PWM control for SUB disabled
1 – External PWM control for SUB enabled
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33