| データシートサーチシステム |
|
IRF520VPBF データシート(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF520VPBF データシート(HTML) 8 Page - International Rectifier |
|
8 / 8 page ![]() IRF520VPbF 8 www.irf.com Data and specifications subject to change without notice. This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.11/03 LEAD ASSIGNMENTS 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN - B - 1.32 (.052) 1.22 (.048) 3X 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3X 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) MIN 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - A - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3X 1.40 (.055) 1.15 (.045) 2.54 (.100) 2X 0.36 (.014) M B A M 4 1 2 3 NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 2 CONTROLLING DIMENSION : INCH 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS. HEXFET 1- GATE 2- DRAIN 3- SOURCE 4- DRAIN LEAD ASSIGNMENTS IGBTs, CoPACK 1- GATE 2- COLLECTOR 3- EMITTER 4- COLLECTOR TO-220AB Package Outline Dimensions are shown in millimeters (inches) TO-220AB Part Marking Information EXAMPLE: IN THE ASSEMBLY LINE "C" THIS IS AN IRF1010 LOT CODE 1789 ASSEMBLED ON WW 19, 1997 PART NUMBER ASSEMBLY LOT CODE DATE CODE YEAR 7 = 1997 LINE C WEEK 19 LOGO RECTIFIER INTERNATIONAL Note: "P" in assembly line position indicates "Lead-Free" |