| データシートサーチシステム |
|
MCP609TI/P データシート(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP609TI/P データシート(HTML) 11 Page - Microchip Technology |
|
11 / 30 page ![]() © 2005 Microchip Technology Inc. DS11177D-page 11 MCP606/7/8/9 4.0 APPLICATIONS INFORMATION The MCP606/7/8/9 family of op amps is manufactured using Microchip’s state-of-the-art CMOS process These op amps are unity-gain stable and suitable for a wide range of general purpose applications. 4.1 Inputs The MCP606/7/8/9 op amps are designed to prevent phase reversal when the input pins exceed the supply voltages. Figure 2-23 shows the input voltage exceeding the supply voltage without any phase rever- sal. The inputs of the MCP606/7/8/9 op amps connect to a differential PMOS input stage. The Common Mode Input Voltage Range (VCMR) includes ground in single- supply systems (VSS), but does not include VDD. This means that the amplifier input behaves linearly as long as the Common Mode Input Voltage (VCM) is kept within the specified VCMR limits (VSS –0.3V to VDD –1.1V at +25°C). Input voltages that exceed the Absolute Maximum Voltage Range (VSS – 0.3V to VDD + 0.3V) can cause excessive current to flow into or out of the input pins. Current beyond ±2 mA can cause reliability problems. Applications that exceed this rating must be externally limited with a resistor, as shown in Figure 4-1. FIGURE 4-1: Input Current-Limiting Resistor (RIN). 4.2 Rail-to-Rail Output There are two specifications that describe the output- swing capability of the MCP606/7/8/9 family of op amps. The first specification (Maximum Output Voltage Swing) defines the absolute maximum swing that can be achieved under the specified load conditions. For instance, the output voltage swings to within 15 mV of the negative rail with a 25 k Ω load to VDD/2. Figure 2-23 shows how the output voltage is limited when the input goes beyond the linear region of operation. The second specification that describes the output- swing capability of these amplifiers (Linear Output Voltage Range) defines the maximum output swing that can be achieved while the amplifier still operates in its linear region. To verify linear operation in this range, the large-signal DC Open-Loop Gain (AOL) is measured at points inside the supply rails. The measurement must meet the specified AOL conditions in the specification table. 4.3 Capacitive Loads Driving large capacitive loads can cause stability problems for voltage-feedback op amps. As the load capacitance increases, the feedback loop’s phase margin decreases and the closed-loop bandwidth is reduced. This produces gain-peaking in the frequency response, with overshoot and ringing in the step response. A unity-gain buffer (G = +1) is the most sensitive to capacitive loads, though all gains show the same general behavior. When driving large capacitive loads with these op amps (e.g., > 60 pF when G = +1), a small series resistor at the output (RISO in Figure 4-2) improves the feedback loop’s phase margin (stability) by making the output load resistive at higher frequencies. The bandwidth will be generally lower than the bandwidth with no capacitive load. FIGURE 4-2: Output Resistor, RISO stabilizes large capacitive loads. Figure 4-3 gives recommended RISO values for different capacitive loads and gains. The x-axis is the normalized load capacitance (CL/GN), where GN is the circuit’s noise gain. For non-inverting gains, GN and the Signal Gain are equal. For inverting gains, GN is 1+|Signal Gain| (e.g., -1 V/V gives GN =+2V/V). FIGURE 4-3: Recommended RISO Values for Capacitive Loads. R IN Maximum expected V IN () V DD – 2 mA ------------------------------------------------------------------------------ ≥ R IN V SS Minimum expected V IN () – 2 mA --------------------------------------------------------------------------- ≥ VIN MCP60X RIN VOUT VIN MCP60X RISO VOUT CL 100 1000 10000 10 100 1000 10000 Normalized Load Capacitance; CL/GN (F) 10p 10n 1n 100p 100 10k 1k GN = +1 GN = +2 GN +4 |