データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP23016-I/ML データシート(PDF) 27 Page - Microchip Technology

部品番号 MCP23016-I/ML
部品情報  16-Bit I2C??I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016-I/ML データシート(HTML) 27 Page - Microchip Technology

Back Button MCP23016-I/ML Datasheet HTML 23Page - Microchip Technology MCP23016-I/ML Datasheet HTML 24Page - Microchip Technology MCP23016-I/ML Datasheet HTML 25Page - Microchip Technology MCP23016-I/ML Datasheet HTML 26Page - Microchip Technology MCP23016-I/ML Datasheet HTML 27Page - Microchip Technology MCP23016-I/ML Datasheet HTML 28Page - Microchip Technology MCP23016-I/ML Datasheet HTML 29Page - Microchip Technology MCP23016-I/ML Datasheet HTML 30Page - Microchip Technology MCP23016-I/ML Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
© 2007 Microchip Technology Inc.
DS20090C-page 27
MCP23016
3.0
PACKAGE INFORMATION
3.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
28-Lead SOIC
YYWWNNN
Example:
XXXXXXXXXXXXXXXXX
YYWWNNN
28-Lead PDIP (Skinny DIP)
Example:
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
0717017
MCP23016-I/SP
0710017
MCP23016-I/SO
28-Lead SSOP
YYWWNNN
XXXXXXXXXXXX
XXXXXXXXXXXX
Example:
0720017
MCP23016
28-Lead QFN
Example:
XXXXXXXX
XXXXXXXX
YYWWNNN
MCP23016
-I/ML
0710017
-I/SS
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38