| データシートサーチシステム |
|
93LC76-/P データシート(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93LC76-/P データシート(HTML) 3 Page - Microchip Technology |
|
3 / 22 page ![]() 2004 Microchip Technology Inc. Preliminary DS21131E-page 3 93LC76/86 TABLE 1-1: DC CHARACTERISTICS DC CHARACTERISTICS Applicable over recommended operating ranges shown below unless otherwise noted: VCC = +2.5V to +6.0V Commercial (C): TA = 0°C to +70°C Industrial (I): TA = -40°C to +85°C Parameter Symbol Min. Max. Units Conditions High-level input voltage VIH1 2.0 VCC + 1 V VCC ≥ 2.7V VIH2 0.7 VCC VCC + 1 V VCC < 2.7V Low-level input voltage VIL1 -0.3 0.8 V VCC ≥ 2.7V VIL2 -0.3 0.2 VCC VVCC < 2.7V Low-level output voltage VOL1 —0.4 V IOL = 2.1 mA; VCC = 4.5V VOL2 —0.2 V IOL =100 µA; VCC = VCC Min. High-level output voltage VOH1 2.4 — V IOH = -400 µA; VCC = 4.5V VOH2 VCC-0.2 — V IOH = -100 µA; VCC = VCC Min. Input leakage current ILI -10 10 µAVIN = 0.1V to VCC Output leakage current ILO -10 10 µAVOUT = 0.1V to VCC Pin capacitance (all inputs/outputs) CINT —7 pF (Note 1) TA = +25°C, FCLK = 1 MHz Operating current ICC write — 3 mA VCC = 5.5V ICC read — 1 500 mA µA FCLK = 3 MHz; VCC = 5.5V FCLK = 1 MHz; VCC = 3.0V Standby current ICCS —100 30 µA µA CLK = CS = 0V; VCC = 5.5V CLK = CS = 0V; VCC = 3.0V DI = PE = VSS ORG = VSS or VCC Note 1: This parameter is periodically sampled and not 100% tested. |