| データシートサーチシステム |
|
93C76-E/P データシート(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
93C76-E/P データシート(HTML) 3 Page - Microchip Technology |
|
3 / 20 page ![]() 2004 Microchip Technology Inc. DS21132E-page 3 93C76/86 TABLE 1-1: DC CHARACTERISTICS TABLE 1-2: AC CHARACTERISTICS DC CHARACTERISTICS Applicable over recommended operating ranges shown below unless otherwise noted: VCC = +4.5V to +5.5V Commercial (C): TA = 0°C to -40°C Industrial (I): TA = -40°C to +85°C Automotive (E): TA = -40 °C to +125°C Parameter Symbol Min. Max. Units Conditions High-level input voltage VIH1 2.0 VCC +1 V — Low-level input voltage VIL1 -0.3 0.8 V — Low-level output voltage VOL1 —0.4 V IOL = 2.1 mA; VCC = 4.5V VOL2 —0.2 V IOL =100 µA; VCC = 4.5V High-level output voltage VOH1 2.4 — V IOH = -400 µA; VCC = 4.5V VOH2 VCC-0.2 — V IOH = -100 µA; VCC = 4.5V. Input leakage current ILI -10 10 µAVIN = 0.1V to VCC Output leakage current ILO -10 10 µAVOUT = 0.1V to VCC Pin capacitance (all inputs/outputs) CINT —7 pF (Note 1) TA = +25°C, FCLK = 1 MHz Operating current ICC write — 3 mA FCLK = 2 MHz; VCC = 5.5V ICC read — 1.5 mA FCLK = 2 MHz; VCC = 5.5V Standby current ICCS —100 µA CLK = CS = 0V; VCC = 5.5V DI = PE = VSS ORG = VSS or VCC Note 1: This parameter is periodically sampled and not 100% tested. AC CHARACTERISTICS Applicable over recommended operating ranges shown below unless otherwise noted: VCC = +4.5V to +5.5V Commercial (C): TA = 0°C to -40°C Industrial (I): TA = -40°C to +85°C Automotive (E): TA = -40 °C to +125°C Parameter Symbol Min. Max. Units Conditions Clock frequency FCLK — 2 MHz Vcc ≥ 4.5V Clock high time TCKH 300 — ns Clock low time TCKL 200 — ns Chip select setup time TCSS 50 — ns Relative to CLK Chip select hold time TCSH 0— ns Chip select low time TCSL 250 — ns Relative to CLK Data input setup time TDIS 100 — ns Relative to CLK Data input hold time TDIH 100 — ns Relative to CLK Data output delay time TPD — 400 ns CL = 100 pF Data output disable time TCZ — 100 ns (Note 1) Status valid time TSV — 500 ns CL = 100 pF Program cycle time TWC — 10 ms Erase/Write mode (Note 2) TEC — 15 ms ERAL mode TWL —30 ms WRAL mode Endurance — 1M — cycles 25°C, VCC = 5.0V, Block mode (Note 3) Note 1: This parameter is periodically sampled and not 100% tested. 2: Typical program cycle is 4 ms per word. 3: This parameter is not tested but ensured by characterization. For endurance estimates in a specific application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com. |