データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM3359 データシート(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM3359
部品情報  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 データシート(HTML) 67 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 63Page - Texas Instruments AM3359 Datasheet HTML 64Page - Texas Instruments AM3359 Datasheet HTML 65Page - Texas Instruments AM3359 Datasheet HTML 66Page - Texas Instruments AM3359 Datasheet HTML 67Page - Texas Instruments AM3359 Datasheet HTML 68Page - Texas Instruments AM3359 Datasheet HTML 69Page - Texas Instruments AM3359 Datasheet HTML 70Page - Texas Instruments AM3359 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 256 page
background image
67
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Terminal Configuration and Functions
Copyright © 2011–2020, Texas Instruments Incorporated
4.3.4.2
PRU1
Table 4-34. PRU1/General-Purpose Inputs Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
pr1_pru1_pru_r31_0
PRU1 Data In
I
U1
R1
pr1_pru1_pru_r31_1
PRU1 Data In
I
U2
R2
pr1_pru1_pru_r31_10
PRU1 Data In
I
W5
V5
pr1_pru1_pru_r31_11
PRU1 Data In
I
W7
R6
pr1_pru1_pru_r31_12
PRU1 Data In
I
V14
U9
pr1_pru1_pru_r31_13
PRU1 Data In
I
U15
V9
pr1_pru1_pru_r31_14
PRU1 Data In
I
E19
E15
pr1_pru1_pru_r31_15
PRU1 Data In
I
F17
E16
pr1_pru1_pru_r31_16
PRU1 Data In Capture Enable
I
C15, D18
A15, D16
pr1_pru1_pru_r31_2
PRU1 Data In
I
V1
R3
pr1_pru1_pru_r31_3
PRU1 Data In
I
V2
R4
pr1_pru1_pru_r31_4
PRU1 Data In
I
W2
T1
pr1_pru1_pru_r31_5
PRU1 Data In
I
W3
T2
pr1_pru1_pru_r31_6
PRU1 Data In
I
V3
T3
pr1_pru1_pru_r31_7
PRU1 Data In
I
U3
T4
pr1_pru1_pru_r31_8
PRU1 Data In
I
U7
U5
pr1_pru1_pru_r31_9
PRU1 Data In
I
T7
R5
Table 4-35. PRU1/General-Purpose Outputs Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
pr1_pru1_pru_r30_0
PRU1 Data Out
O
U1
R1
pr1_pru1_pru_r30_1
PRU1 Data Out
O
U2
R2
pr1_pru1_pru_r30_10
PRU1 Data Out
O
W5
V5
pr1_pru1_pru_r30_11
PRU1 Data Out
O
W7
R6
pr1_pru1_pru_r30_12
PRU1 Data Out
O
V14
U9
pr1_pru1_pru_r30_13
PRU1 Data Out
O
U15
V9
pr1_pru1_pru_r30_14
PRU1 Data Out
O
E19
E15
pr1_pru1_pru_r30_15
PRU1 Data Out
O
F17
E16
pr1_pru1_pru_r30_2
PRU1 Data Out
O
V1
R3
pr1_pru1_pru_r30_3
PRU1 Data Out
O
V2
R4
pr1_pru1_pru_r30_4
PRU1 Data Out
O
W2
T1
pr1_pru1_pru_r30_5
PRU1 Data Out
O
W3
T2
pr1_pru1_pru_r30_6
PRU1 Data Out
O
V3
T3
pr1_pru1_pru_r30_7
PRU1 Data Out
O
U3
T4
pr1_pru1_pru_r30_8
PRU1 Data Out
O
U7
U5
pr1_pru1_pru_r30_9
PRU1 Data Out
O
T7
R5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More