データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

24LC025-I/ST データシート(PDF) 17 Page - Microchip Technology

部品番号 24LC025-I/ST
部品情報  2K I2C??Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC025-I/ST データシート(HTML) 17 Page - Microchip Technology

Back Button 24LC025-I/ST Datasheet HTML 13Page - Microchip Technology 24LC025-I/ST Datasheet HTML 14Page - Microchip Technology 24LC025-I/ST Datasheet HTML 15Page - Microchip Technology 24LC025-I/ST Datasheet HTML 16Page - Microchip Technology 24LC025-I/ST Datasheet HTML 17Page - Microchip Technology 24LC025-I/ST Datasheet HTML 18Page - Microchip Technology 24LC025-I/ST Datasheet HTML 19Page - Microchip Technology 24LC025-I/ST Datasheet HTML 20Page - Microchip Technology 24LC025-I/ST Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
© 2007 Microchip Technology Inc.
DS21210K-page 17
24AA024/24LC024/24AA025/24LC025
8-Lead Plastic Micro Small Outline Package (MS or UA) [MSOP]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side.
3. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Pins
N
8
Pitch
e
0.65 BSC
Overall Height
A
–
–
1.10
Molded Package Thickness
A2
0.75
0.85
0.95
Standoff
A1
0.00
–
0.15
Overall Width
E
4.90 BSC
Molded Package Width
E1
3.00 BSC
Overall Length
D
3.00 BSC
Foot Length
L
0.40
0.60
0.80
Footprint
L1
0.95 REF
Foot Angle
φ
0°
–
8°
Lead Thickness
c
0.08
–
0.23
Lead Width
b
0.22
–
0.40
D
N
E
E1
NOTE 1
1
2
e
b
A
A1
A2
c
L1
L
φ
Microchip Technology Drawing C04-111B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26