データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP2510T-/ST データシート(PDF) 12 Page - Microchip Technology

部品番号 MCP2510T-/ST
部品情報  Stand-Alone CAN Controller with SPI??Interface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510T-/ST データシート(HTML) 12 Page - Microchip Technology

Back Button MCP2510T-/ST Datasheet HTML 8Page - Microchip Technology MCP2510T-/ST Datasheet HTML 9Page - Microchip Technology MCP2510T-/ST Datasheet HTML 10Page - Microchip Technology MCP2510T-/ST Datasheet HTML 11Page - Microchip Technology MCP2510T-/ST Datasheet HTML 12Page - Microchip Technology MCP2510T-/ST Datasheet HTML 13Page - Microchip Technology MCP2510T-/ST Datasheet HTML 14Page - Microchip Technology MCP2510T-/ST Datasheet HTML 15Page - Microchip Technology MCP2510T-/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
FIGURE 2-4:
ERROR DATA FRAME
0
0 0 0
Interrupted Data Frame
12
Arbitration Field
11
Identifier
Message
Filtering
6
4
Control
Field
Data
Length
Code
8N (0
≤N≤8)
Data Field
8
8
Bit Stuffing
0 0 0 0 0 0 0
0 0 1 1 1 1 1 1 1 1 0
Data Frame or
Remote Frame
Error Frame
6
Error
Flag
≤ 6
Echo
Error
Flag
8
Error
Delimiter
Inter-Frame Space or
Overload Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80