| データシートサーチシステム |
|
LM119 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM119 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() LM119-LM219-LM319 2/9 SCHEMATIC DIAGRAM (1/2 LM119) ABSOLUTE MAXIMUM RATINGS OPERATING CONDITIONS Symbol Parameter Value Unit Vo - VCC - Output to Negative Supply Voltage 36 V VCC - Negative Supply Voltage -25 V VCC + Positive Supply Voltage 18 V Vid Differential Input Voltage ±5 V Vi Input Voltage - note 1) 1. For supply voltage less than ±15V the absolute maximum input voltage is equal to the supply voltage. ±15 V Output Short-circuit to Ground Infinite pd Power Dissipation 2) DIP14 SO14 2. Pd is calculated with Tamb = +25°C, Tj = +150°C and Rthja = 80°C/W for DIP14 package = 150°C/W for SO14 package 1500 830 mW Tstg Storage Temperature Range -65 to +150 °C Symbol Parameter Value Unit VCC Supply Voltage 5 to ±15 V Toper Operating Free-Air Temperature range LM119 LM219 LM319 -55 to +125 -40 to +105 0 to +70 °C - + R1 3.5k Ω R3 4k Ω R2 4k Ω Q4 R6 3k Ω R7 3k Ω Q8 VCC + V CC- GND Q3 Q7 Q6 Q2 Inverting Input Non-inverting Input Q1 Q6 R4 3k Ω R8 2k Ω R5 3k Ω Q9 R12 13k Ω R11 13k Ω c1 18 F µ R10 470k Ω Q15 Q10 Q13 R15 300 Ω R9 18k Ω Output To other half Q22 Q21 R25 600 Ω R24 250 Ω R21 900 Ω Q20 Q18 Q17 R17 3 Ω R16 600 Ω Q16 Q12 Q14 R13 600 Ω R14 2k Ω Q11 Q19 R19 250 Ω R22 60 Ω R23 4k Ω R20 3.6k Ω R18 1.8k Ω |