データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM324AD/ADT データシート(PDF) 14 Page - STMicroelectronics

部品番号 LM324AD/ADT
部品情報  Low power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324AD/ADT データシート(HTML) 14 Page - STMicroelectronics

Back Button LM324AD/ADT Datasheet HTML 10Page - STMicroelectronics LM324AD/ADT Datasheet HTML 11Page - STMicroelectronics LM324AD/ADT Datasheet HTML 12Page - STMicroelectronics LM324AD/ADT Datasheet HTML 13Page - STMicroelectronics LM324AD/ADT Datasheet HTML 14Page - STMicroelectronics LM324AD/ADT Datasheet HTML 15Page - STMicroelectronics LM324AD/ADT Datasheet HTML 16Page - STMicroelectronics LM324AD/ADT Datasheet HTML 17Page - STMicroelectronics LM324AD/ADT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Macromodels
LM224A-LM324A
14/20
FIP 5 19 VOFP 3.600000E+02
FIN 5 19 VOFN 3.600000E+02
RG1 19 5 3.652997E+06
RG2 19 4 3.652997E+06
CC 19 5 6.000000E-09
DOPM 19 22 MDTH 400E-12
DONM 21 19 MDTH 400E-12
HOPM 22 28 VOUT 7.500000E+03
VIPM 28 4 1.500000E+02
HONM 21 27 VOUT 7.500000E+03
VINM 5 27 1.500000E+02
EOUT 26 23 19 5 1
VOUT 23 5 0
ROUT 26 3 20
COUT 3 5 1.000000E-12
DOP 19 25 MDTH 400E-12
VOP 4 25 2.242230E+00
DON 24 19 MDTH 400E-12
VON 24 5 7.922301E-01
.ENDS
The values provided in Table 3 are derived from this macromodel.
Table 3.
Vcc
+ = +15V, V
cc
- = 0V, T
amb = 25°C (unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 2 kΩ
100
V/mV
Icc
No load, per amplifier
350
µA
Vicm
0 to +13.5
V
VOH
RL = 2 kΩ (VCC
+=15 V)
+13.5
V
VOL
RL = 10 kΩ
5mV
Ios
Vo = +2 V, VCC = +15 V
+40
mA
GBP
RL = 2 kΩ, CL = 100 pF
1.3
MHz
SR
RL = 2 kΩ, CL = 100 pF
0.4
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20