データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DPC217 データシート(PDF) 4 Page - Diodes Incorporated

部品番号 DPC217
部品情報  PHOTOCOUPLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPC217 データシート(HTML) 4 Page - Diodes Incorporated

  DPC217 Datasheet HTML 1Page - Diodes Incorporated DPC217 Datasheet HTML 2Page - Diodes Incorporated DPC217 Datasheet HTML 3Page - Diodes Incorporated DPC217 Datasheet HTML 4Page - Diodes Incorporated DPC217 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DPC217 SERIES
Document number: DS46314 Rev. 2 - 2
4 of 5
www.diodes.com
July 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
DPC217 SERIES
SerXXXXXX
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SSOP-4
L
HE
c
Seating Plane
A2
E
e
b
E1
D
A1
aaa
SSOP-4
Dim
Min
Max
Typ
A1
0.00
0.20
0.10
A2
1.85
2.25
2.05
b
0.30
0.50
0.40
c
0.10
0.30
0.20
D
2.50
2.90
2.70
E
6.70
7.30
7.00
E1
4.35
4.75
4.55
e
1.02
1.52
1.27
HE
5.08
5.68
5.38
L
0.40
--
--
aaa
0.00
0.10
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SSOP-4
C
X
Y
C1
Dimensions
Value
(in mm)
C
1.27
C1
6.20
X
0.80
Y
1.40



Html Pages

1 2 3 4 5