| データシートサーチシステム |
|
24FC256-E/SM データシート(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC256-E/SM データシート(HTML) 16 Page - Microchip Technology |
|
16 / 26 page ![]() 24AA256/24LC256/24FC256 DS21203N-page 16 © 2005 Microchip Technology Inc. 8-Lead Plastic Small Outline (SM) – Medium, 208 mil (SOIC) Foot Angle φ 04 80 48 15 12 0 15 12 0 β Mold Draft Angle Bottom 15 12 0 15 12 0 α Mold Draft Angle Top 0.51 0.43 0.36 .020 .017 .014 B Lead Width 0.25 0.23 0.20 .010 .009 .008 c Lead Thickness 0.76 0.64 0.51 .030 .025 .020 L Foot Length 5.33 5.21 5.13 .210 .205 .202 D Overall Length 5.38 5.28 5.11 .212 .208 .201 E1 Molded Package Width 8.26 7.95 7.62 .325 .313 .300 E Overall Width 0.25 0.13 0.05 .010 .005 .002 A1 Standoff § 1.98 .078 A2 Molded Package Thickness 2.03 .080 A Overall Height 1.27 .050 p Pitch 8 8 n Number of Pins MAX NOM MIN MAX NOM MIN Dimension Limits MILLIMETERS INCHES* Units α A2 A A1 L c β φ 2 1 D n p B E E1 .070 .075 .069 .074 1.78 1.75 1.97 1.88 * Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010” (0.254mm) per side. Drawing No. C04-056 § Significant Characteristic |