データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NAND512R3A2C データシート(PDF) 22 Page - STMicroelectronics

部品番号 NAND512R3A2C
部品情報  512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512R3A2C データシート(HTML) 22 Page - STMicroelectronics

Back Button NAND512R3A2C Datasheet HTML 18Page - STMicroelectronics NAND512R3A2C Datasheet HTML 19Page - STMicroelectronics NAND512R3A2C Datasheet HTML 20Page - STMicroelectronics NAND512R3A2C Datasheet HTML 21Page - STMicroelectronics NAND512R3A2C Datasheet HTML 22Page - STMicroelectronics NAND512R3A2C Datasheet HTML 23Page - STMicroelectronics NAND512R3A2C Datasheet HTML 24Page - STMicroelectronics NAND512R3A2C Datasheet HTML 25Page - STMicroelectronics NAND512R3A2C Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Device operations
NAND512-A2C
22/51
Figure 9.
Read block diagrams
1.
Highest address depends on device density.
AI07596
A0-A7
A9-A26(1)
Area A
(1st half Page)
Read A Command, X8 Devices
Area B
(2nd half Page)
Area C
(Spare)
Area A
(main area)
Area C
(Spare)
A0-A7
Read A Command, X16 Devices
A0-A7
Read B Command, X8 Devices
Area A
(1st half Page)
Area B
(2nd half Page)
Area C
(Spare)
A0-A3 (x8)
A0-A2 (x16)
Read C Command, X8/x16 Devices
Area A
Area A/ B
Area C
(Spare)
A9-A26(1)
A9-A26(1)
A9-A26(1)
A4-A7 (x8), A3-A7 (x16) are don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51